Electronic Components Datasheet Search
  English  ▼

X  

PE44218 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44218
Description  2.4mm Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44218 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44218 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44218 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44218 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
2.4mm Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
Configuration
Connector
2.4mm Female
Connector Interface Type
Pin
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Frequency Range, GHz
DC to 50
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Insertion Loss, dB
0.35
Mechanical Specifications
Size
Length, in [mm]
0.825 [20.96]
Width/Dia., in [mm]
0.5 [12.70]
Height, in [mm]
0.5 [12.7]
.
Weight, lbs [g]
0.011 [4.99]
Connector
Type
2.4mm Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204, Type II, Class 1
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
PPO
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole
Spacing PE44218
PE44218
PE44218 REV 01
2.4mm Female Connector Solder Attachment 4 Hole
Flange Pin Terminal, .340 inch Hole Spacing


Similar Part No. - PE44218

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4421 PASTERNACK-PE4421 Datasheet
285Kb / 2P
SMA Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE44210 PASTERNACK-PE44210 Datasheet
300Kb / 3P
SMA Male Connector Solder Attachment 0.042 inch End Launch PCB, .020 inch x .010 inch Contact
PE44211 PASTERNACK-PE44211 Datasheet
217Kb / 2P
SMA Female Bulkhead Connector Solder Attachment 0.042 inch End Launch PCB, .250 inch Diameter, .030 inch Diameter
PE44212 PASTERNACK-PE44212 Datasheet
227Kb / 3P
SMA Female Bulkhead Connector Solder Attachment 0.062 inch End Launch PCB, .250 inch Diameter, .030 inch Diameter
PE44213 PASTERNACK-PE44213 Datasheet
305Kb / 3P
SMA Female Bulkhead Connector Solder Attachment 0.042 inch End Launch PCB, .250 inch Diameter, .020 inch x .010 inch Contact
More results

Similar Description - PE44218

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44236 PASTERNACK-PE44236 Datasheet
213Kb / 2P
SMA Female Right Angle Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE4540 PASTERNACK-PE4540 Datasheet
215Kb / 3P
SMA Female Hermetically Sealed Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE44221 PASTERNACK-PE44221 Datasheet
277Kb / 2P
2.4mm Male Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE44224 PASTERNACK-PE44224 Datasheet
295Kb / 3P
2.4mm Male Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing
PE4186 PASTERNACK-PE4186 Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing
PE44226 PASTERNACK-PE44226 Datasheet
204Kb / 2P
2.4mm Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing
PE4355 PASTERNACK-PE4355 Datasheet
251Kb / 2P
N Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE4217 PASTERNACK-PE4217 Datasheet
379Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
PE4866 PASTERNACK-PE4866 Datasheet
218Kb / 3P
RP SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE4217 PASTERNACK-PE4217_16 Datasheet
351Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com