Electronic Components Datasheet Search
  English  ▼

X  

PE44225 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44225
Description  2.4mm Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44225 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44225 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44225 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
2.4mm Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
Configuration
Connector
2.4mm Female
Connector Interface Type
Tab
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
2 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.58 [14.73]
Width/Dia., in [mm]
0.275 [6.99]
Height, in [mm]
0.625 [15.88]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
2.4mm Female
Contact Material and Plating
Gold
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PPO
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
2.4mm Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
PE44225
URL: http://www.pasternack.com/2.4mm-female-standard-tab-terminal-connector-pe44225-p.aspx
PE44225
PE44225 REV 01
2.4mm Female Connector Solder Attachment 2 Hole
Flange Tab Terminal, .481 inch Hole Spacing


Similar Part No. - PE44225

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4422 PASTERNACK-PE4422 Datasheet
219Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder (Captive Contact) Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4422 PASTERNACK-PE4422 Datasheet
322Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE44220 PASTERNACK-PE44220 Datasheet
292Kb / 3P
2.4mm Male Connector Solder Attachment 2 Hole Flange Pin Terminal, .481 inch Hole Spacing
PE44221 PASTERNACK-PE44221 Datasheet
277Kb / 2P
2.4mm Male Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE44222 PASTERNACK-PE44222 Datasheet
286Kb / 2P
2.4mm Male Threaded Connector Field Replaceable Attachment 0.012 inch Pin
More results

Similar Description - PE44225

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44220 PASTERNACK-PE44220 Datasheet
292Kb / 3P
2.4mm Male Connector Solder Attachment 2 Hole Flange Pin Terminal, .481 inch Hole Spacing
PE4867 PASTERNACK-PE4867 Datasheet
254Kb / 3P
RP SMA Female Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .481 inch Hole Spacing
PE44224 PASTERNACK-PE44224 Datasheet
295Kb / 3P
2.4mm Male Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing
PE4370 PASTERNACK-PE4370 Datasheet
235Kb / 2P
SMA Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
PE44226 PASTERNACK-PE44226 Datasheet
204Kb / 2P
2.4mm Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing
PE4004 PASTERNACK-PE4004 Datasheet
254Kb / 2P
SMA Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
PE44341 PASTERNACK-PE44341 Datasheet
371Kb / 3P
SMA Female Precision Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal, .481 inch Hole Spacing
PE4370 PASTERNACK-PE4370_17 Datasheet
670Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Tab Terminal, .481 inch Hole Spacing
PE44217 PASTERNACK-PE44217 Datasheet
327Kb / 3P
2.4mm Female Connector Solder Attachment 2 Hole Flange Mount Pin Terminal, .481 inch Hole Spacing
PE44223 PASTERNACK-PE44223 Datasheet
211Kb / 3P
2.4mm Male Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com