Electronic Components Datasheet Search
  English  ▼

X  

PE44243 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44243
Description  1.0/2.3 Plug Connector Crimp/Solder Attachment For RG58
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44243 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44243 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44243 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
1.0/2.3 Plug Connector Crimp/Solder Attachment For RG58
1.0/2.3 Plug Connector Crimp/Solder Attachment For RG58
Configuration
Connector
1.0/2.3 Plug
Connector Interface Type
RG58
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
250
Dielectric Withstanding Voltage, Vrms
750
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +155
Size
Length, in [mm]
1.122 [28.5]
Width/Dia., in [mm]
0.303 [8]
Weight, lbs [g]
0.013 [5.9]
Connector
Type
1.0/2.3 Plug
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/1.0-2.3-plug-standard-rg58-connector-pe44243-p.aspx
1.0/2.3 Plug Connector Crimp/Solder Attachment For RG58 from Pasternack Enterprises has same day shipment for domestic
and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and fiber optic
products.
PE44243
PE44243 REV


Similar Part No. - PE44243

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4424 PASTERNACK-PE4424 Datasheet
119Kb / 1P
SMA FEMALE BULKHEAD CLAMP ATTACHMENT FOR RG188-DS &RG316-DS`
PE44240 PASTERNACK-PE44240 Datasheet
864Kb / 3P
SMA Femal Press In Connector Solder Attachment Tab Terminal, .200 inch Diameter
PE44241 PASTERNACK-PE44241 Datasheet
211Kb / 2P
SMA Female Press In Connector Solder Attachment Pin Terminal, .200 inch Diameter
PE44242 PASTERNACK-PE44242 Datasheet
87Kb / 1P
1.0/2.3 SNAP ON PLUG CRIMP ATTACHMENT FOR RG55,RG142,RG223&RG400
PE44244 PASTERNACK-PE44244 Datasheet
249Kb / 2P
1.0/2.3 Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
More results

Similar Description - PE44243

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4194 PASTERNACK-PE4194 Datasheet
259Kb / 2P
SHV Plug Connector Crimp/Solder Attachment For RG58
PE4301 PASTERNACK-PE4301 Datasheet
247Kb / 2P
Banana Plug Connector Crimp/Solder Attachment For RG58
PE4558 PASTERNACK-PE4558 Datasheet
200Kb / 2P
SMC Plug Connector Crimp/Solder Attachment For RG58
PE44248 PASTERNACK-PE44248 Datasheet
248Kb / 2P
1.0/2.3 Plug Right Angle Connector Crimp/ Solder Attachment For RG58
PE44244 PASTERNACK-PE44244 Datasheet
249Kb / 2P
1.0/2.3 Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44249 PASTERNACK-PE44249 Datasheet
271Kb / 2P
1.0/2.3 Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44260 PASTERNACK-PE44260 Datasheet
211Kb / 2P
1.0-2.3 Jack Right Angle Bulkhead Connector Crimp- Solder Attachment For RG58, .236 inch DD Hole
PE45166 PASTERNACK-PE45166 Datasheet
342Kb / 3P
1.0-2.3 Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE4523 PASTERNACK-PE4523 Datasheet
258Kb / 3P
SMB Plug Connector Crimp - Solder Attachment For RG58
PE44295 PASTERNACK-PE44295 Datasheet
458Kb / 2P
FME Plug Connector Crimp/Solder Attachment For RG58
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com