Electronic Components Datasheet Search
  English  ▼

X  

ADM207EARS Datasheet(PDF) 13 Page - Analog Devices

Part # ADM207EARS
Description  EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM207EARS Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM207EARS Datasheet HTML 9Page - Analog Devices ADM207EARS Datasheet HTML 10Page - Analog Devices ADM207EARS Datasheet HTML 11Page - Analog Devices ADM207EARS Datasheet HTML 12Page - Analog Devices ADM207EARS Datasheet HTML 13Page - Analog Devices ADM207EARS Datasheet HTML 14Page - Analog Devices ADM207EARS Datasheet HTML 15Page - Analog Devices ADM207EARS Datasheet HTML 16Page - Analog Devices ADM207EARS Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADM206E/ADM207E/ADM208E/ADM211E/ADM213E
Rev. E | Page 13 of 20
burst of sparks as the relay contacts separate. The voltage
appearing on the line, therefore, consists of a burst of extremely
fast transient impulses. A similar effect occurs when switching
on fluorescent lights.
The fast transient burst test defined in IEC 1000-4-4 simulates
this arcing; its waveform is illustrated in Figure 29. It consists of
a burst of 2.5 kHz to 5 kHz transients repeating at 300 ms
intervals. It is specified for both power and data lines.
300ms
15ms
t
V
5ns
0.2ms/0.4ms
50ns
V
t
Figure 29. IEC 1000-4-4 Fast Transient Waveform
Table 9.
Level
V Peak (kV)
PSU
V Peak (kV)
I/O
1
0.5
0.25
2
1
0.5
3
2
1
4
4
2
A simplified circuit diagram of the actual EFT generator is
illustrated in Figure 30.
The transients are coupled onto the signal lines using an EFT
coupling clamp. The clamp is 1 m long and surrounds the cable
completely, providing maximum coupling capacitance (50 pF to
200 pF typical) between the clamp and the cable. High energy
transients are capacitively coupled onto the signal lines. Fast rise
times (5 ns), as specified by the standard, result in very effective
coupling. Because high voltages are coupled onto the signal
lines, this test is very severe. The repetitive transients can often
cause problems where single pulses do not. Destructive latch-up
can be induced due to the high energy content of the transients.
Note that this stress is applied while the interface products are
powered up and are transmitting data. The EFT test applies
hundreds of pulses with higher energy than ESD. Worst-case
transient current on an I/O line can be as high as 40 A.
Test results are classified according to the following:
•
Classification 1: Normal performance within speci-
fication limits.
•
Classification 2: Temporary degradation or loss of
performance that is self recoverable.
•
Classification 3: Temporary degradation or loss of function
or performance that requires operator intervention or
system reset.
•
Classification 4: Degradation or loss of function that is not
recoverable due to damage.
ADM2xxE products meet Classification 2 and have been tested
under worst-case conditions using unshielded cables. Data
transmission during the transient condition is corrupted, but it
can resume immediately following the EFT event without user
intervention.
RC
RM
CC
L
ZS
CD
50Ω
OUTPUT
HIGH
VOLTAGE
SOURCE
Figure 30. IEC 1000-4-4 Fast Transient Generator
IEC 1000-4-3 RADIATED IMMUNITY
IEC 1000-4-3 (previously IEC 801-3) describes the measure-
ment method and defines the levels of immunity to radiated
electromagnetic fields. It was originally intended to simulate the
electromagnetic fields generated by portable radio transceivers
or any other devices that generate continuous wave-radiated
EM energy. Its scope has since been broadened to include
spurious EM energy that can be radiated from fluorescent
lights, thyristor drives, inductive loads, and other sources.
Testing for immunity involves irradiating the device with an EM
field. There are various methods of achieving this, including use of
anechoic chamber, stripline cell, TEM cell, and GTEM cell. A
stripline cell consists of two parallel plates with an electric field
developed between them. The device under test is placed within
the cell and exposed to the electric field. There are three severity
levels having field strengths ranging from 1 V/m to 10 V/m.
Results are classified in a similar fashion to those for IEC 1000­4­4.
•
Classification 1: Normal operation.
•
Classification 2: Temporary degradation or loss of function
that is self recoverable when the interfering signal is
removed.
•
Classification 3: Temporary degradation or loss of function
that requires operator intervention or system reset when
the interfering signal is removed.
•
Classification 4: Degradation or loss of function that is not
recoverable due to damage.
The ADM2xxE family of products easily meets Classification 1 at
the most stringent requirement (Level 3). In fact, field strengths
up to 30 V/m showed no performance degradation, and error-
free data transmission continued even during irradiation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com