Electronic Components Datasheet Search
  English  ▼

X  

ADM660ARZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADM660ARZ
Description  CMOS Switched-Capacitor Voltage Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM660ARZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM660ARZ Datasheet HTML 3Page - Analog Devices ADM660ARZ Datasheet HTML 4Page - Analog Devices ADM660ARZ Datasheet HTML 5Page - Analog Devices ADM660ARZ Datasheet HTML 6Page - Analog Devices ADM660ARZ Datasheet HTML 7Page - Analog Devices ADM660ARZ Datasheet HTML 8Page - Analog Devices ADM660ARZ Datasheet HTML 9Page - Analog Devices ADM660ARZ Datasheet HTML 10Page - Analog Devices ADM660ARZ Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ADM660/ADM8660
REV. C
–11–
16
9
8
1
PIN 1
SEATING
PLANE
8°
0°
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 12. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADM660ANZ
−40°C to +85°C
8-Lead Plastic Dual In-Line Package [PDIP]
N-8
ADM660ARZ
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM660ARZ-REEL
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM660ARUZ
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADM660ARUZ-REEL
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADM660ARUZ-REEL7
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADM8660ANZ
−40°C to +85°C
8-Lead Plastic Dual In-Line Package [PDIP]
N-8
ADM8660ARZ
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM8660ARZ-REEL
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
1 Z = RoHS Compliant Part
REVISION HISTORY
4/11—Rev. B to Rev. C
Changes to Ordering Guide .......................................................... 11
12/02—Rev. A to Rev. B
Renumbered TPCs and Figures........................................Universal
Edits to Specifications ...................................................................... 2
Updated Absolute Maximum Ratings ........................................... 3
Updated Outline Dimensions ....................................................... 10
©2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00082-0-4/11(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com