Electronic Components Datasheet Search
  English  ▼

X  

ADM660ARUZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADM660ARUZ
Description  CMOS Switched-Capacitor Voltage Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM660ARUZ Datasheet(HTML) 2 Page - Analog Devices

  ADM660ARUZ Datasheet HTML 1Page - Analog Devices ADM660ARUZ Datasheet HTML 2Page - Analog Devices ADM660ARUZ Datasheet HTML 3Page - Analog Devices ADM660ARUZ Datasheet HTML 4Page - Analog Devices ADM660ARUZ Datasheet HTML 5Page - Analog Devices ADM660ARUZ Datasheet HTML 6Page - Analog Devices ADM660ARUZ Datasheet HTML 7Page - Analog Devices ADM660ARUZ Datasheet HTML 8Page - Analog Devices ADM660ARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
REV.
–2–
ADM660/ADM8660–SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Input Voltage, V+
RL = 1 k
W
3.5
7.0
V
Inverting Mode, LV = Open
1.5
7.0
V
Inverting Mode, LV = GND
2.5
7.0
V
Doubling Mode, LV = OUT
Supply Current
No Load
0.6
1
mA
FC = Open (ADM660), GND (ADM8660)
2.5
4.5
mA
FC = V+, LV = Open
Output Current
100
mA
Output Resistance (ADM660)
9
15
W
IL = 100 mA
Output Resistance (ADM8660)
9
15
W
IL = 100 mA, TA = 25
∞C
Output Resistance (ADM8660)
16.5
W
IL = 100 mA, TA = –40
∞C to +85∞C
Charge-Pump Frequency
25
kHz
FC = Open (ADM660), GND (ADM8660)
120
kHz
FC = V+
OSC Input Current
±5
mAFC = Open (ADM660), GND (ADM8660)
±25
mAFC = V+
Power Efficiency (FC = Open) (ADM660)
90
94
%
RL = 1 k
W Connected from V+ to OUT
Power Efficiency (FC = Open) (ADM8660)
90
94
%
RL = 1 k
W Connected from V+ to OUT,
TA = +25
∞C
Power Efficiency (FC = Open) (ADM8660)
88.5
%
RL = 1 k
W Connected from V+ to OUT,
TA = –40
∞C to +85∞C
Power Efficiency (FC = Open) (ADM660)
90
93
%
RL = 500
W Connected from OUT to GND
Power Efficiency (FC = Open) (ADM8660)
90
93
%
RL = 500
W Connected from OUT to GND,
TA = +25
∞C
Power Efficiency (FC = Open) (ADM8660)
88.5
%
RL = 500
W Connected from OUT to GND,
TA = –40
∞C to +85∞C
Power Efficiency (FC = Open)
81.5
%
IL = 100 mA to GND
Voltage Conversion Efficiency
99
99.96
%
No Load
Shutdown Supply Current, ISHDN
0.3
5
mA
ADM8660, SHDN = V+
Shutdown Input Voltage, VSHDN
2.4
V
SHDN High = Disabled
0.8
V
SHDN Low = Enabled
Shutdown Exit Time
500
msIL = 100 mA
*C1 and C2 are low ESR (<0.2
W) electrolytic capacitors.
High ESR degrade performance.
Specifications subject to change without notice.
(V+ = +5 V, C1, C2 = 10 F,* TA = TMIN to TMAX, unless
otherwise noted.)
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com