Electronic Components Datasheet Search
  English  ▼

X  

PE44267 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44267
Description  75 Ohm 1.6/5.6 Jack Bulkhead Connector Crimp/ Solder Attachment For RG59, .362 inch DD Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44267 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44267 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44267 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm 1.6/5.6 Jack Bulkhead Connector Crimp/Solder Attachment For RG59, .362 inch DD Hole
Configuration
Connector
1.6/5.6 Jack
Connector Interface Type
RG59
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.17 [29.72]
Width/Dia., in [mm]
0.433 [11.00]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
1.6/5.6 Jack
Contact Material and Plating
Phosphor Bronze, Gold
Contact Plating Specification
3µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm 1.6/5.6 Jack Bulkhead Connector Crimp/Solder Attachment For RG59, .362 inch DD Hole from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm 1.6/5.6 Jack Bulkhead Connector Crimp/Solder Attachment For RG59, .362 inch DD Hole
PE44267
URL: http://www.pasternack.com/1.6-5.6-jack-standard-rg59-connector-pe44267-p.aspx
PE44267
PE44267 REV 01
75 Ohm 1.6/5.6 Jack Bulkhead Connector Crimp/
Solder Attachment For RG59, .362 inch DD Hole


Similar Part No. - PE44267

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4426 PASTERNACK-PE4426 Datasheet
115Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE44260 PASTERNACK-PE44260 Datasheet
211Kb / 2P
1.0-2.3 Jack Right Angle Bulkhead Connector Crimp- Solder Attachment For RG58, .236 inch DD Hole
PE44261 PASTERNACK-PE44261 Datasheet
216Kb / 3P
1.0-2.3 Jack Right Angle Bulkhead Connector Crimp-Solder Attachment For RG174, RG316, RG188, .236 inch DD Hole
PE44262 PASTERNACK-PE44262 Datasheet
212Kb / 2P
75 Ohm 1.6/5.6 Plug Connector Crimp Solder Attachment For RG179, RG187
PE44263 PASTERNACK-PE44263 Datasheet
291Kb / 2P
75 Ohm 1.6/5.6 Plug Connector Crimp/ Solder Attachment For RG59
More results

Similar Description - PE44267

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44266 PASTERNACK-PE44266 Datasheet
307Kb / 3P
75 Ohm 1.6/5.6 Jack Bulkhead Connector Crimp/Solder Attachment For RG179, RG187, .362 inch DD Hole
PE4280 PASTERNACK-PE4280 Datasheet
263Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .177 inch D Hole
PE44263 PASTERNACK-PE44263 Datasheet
291Kb / 2P
75 Ohm 1.6/5.6 Plug Connector Crimp/ Solder Attachment For RG59
PE44268 PASTERNACK-PE44268 Datasheet
218Kb / 3P
75 Ohm 1.6/5.6 Jack Right Angle Bulkhead Connector Crimp/ Solder Attachment For RG179, RG187, .362 inch DD Hole
PE44269 PASTERNACK-PE44269 Datasheet
216Kb / 3P
75 Ohm 1.6/5.6 Jack Right Angle Bulkhead Connector Crimp/Solder Attachment For RG59, .362 inch DD Hole
PE4282 PASTERNACK-PE4282 Datasheet
212Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Clamp-Solder Attachment For RG59, RG62, .285 inch D Hole
PE4638 PASTERNACK-PE4638 Datasheet
217Kb / 2P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For RG59, .480 inch D Hole
PE44262 PASTERNACK-PE44262 Datasheet
212Kb / 2P
75 Ohm 1.6/5.6 Plug Connector Crimp Solder Attachment For RG179, RG187
PE44265 PASTERNACK-PE44265 Datasheet
218Kb / 3P
75 Ohm 1.6/5.6 Plug Right Angle Connector Clamp/Solder Attachment For RG59
PE44270 PASTERNACK-PE44270 Datasheet
211Kb / 2P
75 Ohm 1.6/5.6 Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .362 inch Diameter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com