Electronic Components Datasheet Search
  English  ▼

X  

16F1824 Datasheet(PDF) 49 Page - Microchip Technology

Part # 16F1824
Description  8-Pin Flash Microcontrollers with XLP Technology
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F1824 Datasheet(HTML) 49 Page - Microchip Technology

Back Button 16F1824 Datasheet HTML 45Page - Microchip Technology 16F1824 Datasheet HTML 46Page - Microchip Technology 16F1824 Datasheet HTML 47Page - Microchip Technology 16F1824 Datasheet HTML 48Page - Microchip Technology 16F1824 Datasheet HTML 49Page - Microchip Technology 16F1824 Datasheet HTML 50Page - Microchip Technology 16F1824 Datasheet HTML 51Page - Microchip Technology 16F1824 Datasheet HTML 52Page - Microchip Technology 16F1824 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 410 page
background image
 2011-2012 Microchip Technology Inc.
DS41441C-page 49
PIC12(L)F1840
5.3
Clock Switching
The system clock source can be switched between
external and internal clock sources via software using
the System Clock Select (SCS) bits of the OSCCON
register. The following clock sources can be selected
using the SCS bits:
• Default system oscillator determined by FOSC
bits in Configuration Words
• Timer1 32 kHz crystal oscillator
• Internal Oscillator Block (INTOSC)
5.3.1
SYSTEM CLOCK SELECT (SCS)
BITS
The System Clock Select (SCS) bits of the OSCCON
register selects the system clock source that is used for
the CPU and peripherals.
• When the SCS bits of the OSCCON register = 00,
the system clock source is determined by value of
the FOSC<2:0> bits in the Configuration Words.
• When the SCS bits of the OSCCON register = 01,
the system clock source is the Timer1 oscillator.
• When the SCS bits of the OSCCON register = 1x,
the system clock source is chosen by the internal
oscillator frequency selected by the IRCF<3:0>
bits of the OSCCON register. After a Reset, the
SCS bits of the OSCCON register are always
cleared.
When switching between clock sources, a delay is
required to allow the new clock to stabilize. These oscil-
lator delays are shown in Table 5-1.
5.3.2
OSCILLATOR START-UP TIMER
STATUS (OSTS) BIT
The Oscillator Start-up Timer Status (OSTS) bit of the
OSCSTAT register indicates whether the system clock
is running from the external clock source, as defined by
the FOSC<2:0> bits in the Configuration Words, or
from the internal clock source. In particular, OSTS
indicates that the Oscillator Start-up Timer (OST) has
timed out for LP, XT or HS modes. The OST does not
reflect the status of the Timer1 oscillator.
5.3.3
TIMER1 OSCILLATOR
The Timer1 oscillator is a separate crystal oscillator
associated with the Timer1 peripheral. It is optimized
for timekeeping operations with a 32.768 kHz crystal
connected between the T1OSO and T1OSI device
pins.
The Timer1 oscillator is enabled using the T1OSCEN
control bit in the T1CON register. See Section 21.0
“Timer1 Module with Gate Control” for more
information about the Timer1 peripheral.
5.3.4
TIMER1 OSCILLATOR READY
(T1OSCR) BIT
The user must ensure that the Timer1 oscillator is
ready to be used before it is selected as a system clock
source. The Timer1 Oscillator Ready (T1OSCR) bit of
the OSCSTAT register indicates whether the Timer1
oscillator is ready to be used. After the T1OSCR bit is
set, the SCS bits can be configured to select the Timer1
oscillator.
Note:
Any automatic clock switch, which may
occur
from
Two-Speed
Start-up
or
Fail-Safe Clock Monitor, does not update
the SCS bits of the OSCCON register. The
user can monitor the OSTS bit of the
OSCSTAT register to determine the current
system clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com