Electronic Components Datasheet Search
  English  ▼

X  

PE44277 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44277
Description  7/16 DIN Male Connector Clamp/Solder Attachment For RG218
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44277 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44277 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44277 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Male Connector Clamp/Solder Attachment For RG218
7/16 DIN Male Connector Clamp/Solder Attachment For RG218
Configuration
Connector
7/16 DIN Male
Connector Interface Type
RG218
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
2.675 [67.95]
Width/Dia., in [mm]
1.312 [33]
.
Weight, lbs [g]
0.577 [261.72]
Connector
Type
7/16 DIN Male
Contact Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in
1 1/4
Torque, in-lbs [Nm]
18 [2.03]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
7/16 DIN Male Connector Clamp/Solder Attachment For RG218 from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male Connector Clamp/Solder Attachment For RG218 PE44277
URL: http://www.pasternack.com/7-16-male-standard-rg218-connector-pe44277-p.aspx
PE44277
PE44277 REV


Similar Part No. - PE44277

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4427 PASTERNACK-PE4427 Datasheet
255Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4427 PASTERNACK-PE4427 Datasheet
471Kb / 5P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE44270 PASTERNACK-PE44270 Datasheet
211Kb / 2P
75 Ohm 1.6/5.6 Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .362 inch Diameter
PE44271 PASTERNACK-PE44271 Datasheet
217Kb / 3P
75 Ohm 1.6/5.6 Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
PE44272 PASTERNACK-PE44272 Datasheet
218Kb / 2P
SMP Female Connector Solder Attachment For PE-SR405AL,PE-SR405FL RG405, 18 GHz Version
More results

Similar Description - PE44277

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4323 PASTERNACK-PE4323 Datasheet
351Kb / 2P
LC Male Connector Clamp/Solder Attachment For RG218, RG219
PE4433 PASTERNACK-PE4433 Datasheet
215Kb / 2P
N Male Connector Clamp/Solder Attachment For RG218
PE44276 PASTERNACK-PE44276 Datasheet
229Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For RG14, RG217
PE44568 PASTERNACK-PE44568 Datasheet
215Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE4977 PASTERNACK-PE4977 Datasheet
236Kb / 3P
SC Male Connector Clamp/Solder Attachment For RG218
PE4476 PASTERNACK-PE4476 Datasheet
218Kb / 2P
HN Male Connector Clamp-Solder Attachment For RG17, RG218
PE4954 PASTERNACK-PE4954 Datasheet
226Kb / 2P
C Male Connector Clamp-Solder Attachment For RG218
PE44558 PASTERNACK-PE44558 Datasheet
227Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44993 PASTERNACK-PE44993 Datasheet
243Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE4567 PASTERNACK-PE4567 Datasheet
401Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com