| Electronic Components Datasheet Search |
|
ADM242ANZ Datasheet(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM242ANZ Datasheet(HTML) 10 Page - Analog Devices |
|
10 / 11 page ![]() ADM222/ADM232A/ADM242 –10– REV. B CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN. CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS. COMPLIANT TO JEDEC STANDARDS MS-001 0.022 (0.56) 0.018 (0.46) 0.014 (0.36) 0.150 (3.81) 0.130 (3.30) 0.115 (2.92) 0.070 (1.78) 0.060 (1.52) 0.045 (1.14) 18 1 9 10 0.100 (2.54) BSC 0.920 (23.37) 0.900 (22.86) 0.880 (22.35) 0.210 (5.33) MAX SEATING PLANE 0.015 (0.38) MIN 0.005 (0.13) MIN 0.280 (7.11) 0.250 (6.35) 0.240 (6.10) 0.060 (1.52) MAX 0.430 (10.92) MAX 0.014 (0.36) 0.010 (0.25) 0.008 (0.20) 0.325 (8.26) 0.310 (7.87) 0.300 (7.62) 0.015 (0.38) GAUGE PLANE 0.195 (4.95) 0.130 (3.30) 0.115 (2.92) Figure 1 8. 18-Lead Plastic Dual In-Line Package [PDIP] Narrow Body (N-18) Dimensions shown in inches and (millimeters) ORDERING GUIDE Model1 Temperature Range Package Description Package Option ADM222AN −40°C to +85°C 18-Lead PDIP N-18 ADM222ANZ −40°C to +85°C 18-Lead PDIP N-18 ADM222AR −40°C to +85°C 18-Lead SOIC_W RW-18 ADM222ARZ −40°C to +85°C 18-Lead SOIC_W RW-18 ADM222ARZ-REEL −40°C to +85°C 18-Lead SOIC_W RW-18 ADM232AAN −40°C to +85°C 16-Lead PDIP N-16 ADM232AANZ −40°C to +85°C 16-Lead PDIP N-16 ADM232AARN −40°C to +85°C 16-Lead SOIC_N R-16 ADM232AARN-REEL −40°C to +85°C 16-Lead SOIC_N R-16 ADM232AARN-REEL7 −40°C to +85°C 16-Lead SOIC_N R-16 ADM232AARNZ −40°C to +85°C 16-Lead SOIC_N R-16 ADM232AARNZ-REEL −40°C to +85°C 16-Lead SOIC_N R-16 ADM232AARNZ-REEL7 −40°C to +85°C 16-Lead SOIC_N R-16 ADM232AARW −40°C to +85°C 16-Lead SOIC_W RW-16 ADM232AARW-REEL −40°C to +85°C 16-Lead SOIC_W RW-16 ADM232AARWZ −40°C to +85°C 16-Lead SOIC_W RW-16 ADM232AARWZ-REEL −40°C to +85°C 16-Lead SOIC_W RW-16 ADM242AN −40°C to +85°C 18-Lead PDIP N-18 ADM242ANZ −40°C to +85°C 18-Lead PDIP N-18 ADM242AR −40°C to +85°C 18-Lead SOIC_W RW-18 ADM242AR-REEL −40°C to +85°C 18-Lead SOIC_W RW-18 ADM242ARZ −40°C to +85°C 18-Lead SOIC_W RW-18 ADM242ARZ-REEL −40°C to +85°C 18-Lead SOIC_W RW-18 1 Z = RoHS Compliant Part. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |