Electronic Components Datasheet Search
  English  ▼

X  

PIC16F1786 Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC16F1786
Description  28-Pin 8-Bit Advanced Analog Flash Microcontroller
PDF  450 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1786 Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC16F1786 Datasheet HTML 93Page - Microchip Technology PIC16F1786 Datasheet HTML 94Page - Microchip Technology PIC16F1786 Datasheet HTML 95Page - Microchip Technology PIC16F1786 Datasheet HTML 96Page - Microchip Technology PIC16F1786 Datasheet HTML 97Page - Microchip Technology PIC16F1786 Datasheet HTML 98Page - Microchip Technology PIC16F1786 Datasheet HTML 99Page - Microchip Technology PIC16F1786 Datasheet HTML 100Page - Microchip Technology PIC16F1786 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 450 page
background image
 2011-2012 Microchip Technology Inc.
Preliminary
DS41579D-page 97
PIC16(L)F1782/3
10.0 LOW DROPOUT (LDO)
VOLTAGE REGULATOR
The PIC16F1782/3 has an internal Low Dropout
Regulator (LDO) which provides operation above 3.6V.
The LDO regulates a voltage for the internal device
logic while permitting the VDD and I/O pins to operate
at a higher voltage. There is no user enable/disable
control available for the LDO, it is always active. The
PIC16LF1782/3 operates at a maximum VDD of 3.6V
and does not incorporate an LDO.
A device I/O pin may be configured as the LDO voltage
output, identified as the VCAP pin. Although not
required, an external low-ESR capacitor may be
connected to the VCAP pin for additional regulator
stability.
The VCAPEN bit of Configuration Words determines if
which pin is assigned as the VCAP pin. Refer to
Table 10-1.
On power-up, the external capacitor will load the LDO
voltage regulator. To prevent erroneous operation, the
device is held in Reset while a constant current source
charges the external capacitor. After the cap is fully
charged, the device is released from Reset. For more
information on the constant current rate, refer to the
LDO Regulator Characteristics Table in Section 30.0
“Electrical Specifications”.
TABLE 10-2:
SUMMARY OF CONFIGURATION WORD WITH LDO
TABLE 10-1:
VCAPEN SELECT BIT
VCAPEN
Pin
0
RA6
1
No VCAP
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CONFIG2
13:8
—
—
LVP
DEBUG
LPBOR
BORV
STVREN
PLLEN
46
7:0
—
—
VCAPEN(1)
—
—
—
WRT<1:0>
Legend:
— = unimplemented locations read as ‘0’. Shaded cells are not used by LDO.
Note 1:
Not implemented on PIC16LF1782/3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com