Electronic Components Datasheet Search
  English  ▼

X  

PE4024 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4024
Description  BNC Male Connector Clamp/Solder Attachment For RG59, RG62
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4024 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4024 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4024 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Male Connector Clamp/Solder Attachment For RG59, RG62
BNC Male Connector Clamp/Solder Attachment For RG59, RG62
Configuration
Connector
BNC Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.945 [24]
Width/Dia., in [mm]
0.571 [15]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
BNC Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-male-standard-rg59-rg62-connector-pe4024-p.aspx
BNC Male Connector Clamp/Solder Attachment For RG59, RG62 from Pasternack Enterprises has same day shipment for
domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and
fiber optic products.
PE4024
PE4024 REV


Similar Part No. - PE4024

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4024 PASTERNACK-PE4024 Datasheet
413Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4024 PASTERNACK-PE4024_16 Datasheet
413Kb / 3P
BNC Male Connector Clamp/Solder Attachment
More results

Similar Description - PE4024

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4331 PASTERNACK-PE4331 Datasheet
312Kb / 2P
N Male Connector Clamp/Solder Attachment For RG59, RG62
PE4718 PASTERNACK-PE4718 Datasheet
254Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG59, RG62
PE4731 PASTERNACK-PE4731 Datasheet
265Kb / 2P
RP BNC Male Right Angle Connector Clamp/ Solder Attachment For RG59, RG62
PE4717 PASTERNACK-PE4717 Datasheet
261Kb / 2P
RP BNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4740 PASTERNACK-PE4740 Datasheet
260Kb / 2P
RP BNC Female Connector Clamp/Solder Attachment For RG59, RG62
PE4479 PASTERNACK-PE4479 Datasheet
272Kb / 3P
HN Male Connector Clamp/Solder Attachment For RG59, RG62
PE4154 PASTERNACK-PE4154 Datasheet
225Kb / 3P
TNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4018 PASTERNACK-PE4018 Datasheet
247Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG59, RG62
PE4320 PASTERNACK-PE4320 Datasheet
206Kb / 2P
BNC Male Right Angle Connector Clamp - Solder Attachment For RG59, RG62
PE4952 PASTERNACK-PE4952 Datasheet
237Kb / 3P
C Male Connector Clamp-Solder Attachment For RG59, RG62
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com