Electronic Components Datasheet Search
  English  ▼

X  

PE4047 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4047
Description  TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4047 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4047 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4047 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4047 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
TNC Male Connector Crimp/Solder Attachment
For RG55, RG141, RG142, RG223, RG400
TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
Configuration
Connector
TNC Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Frequency 1
Frequency, GHz
DC to 6
VSWR
1.5:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.097 [27.86]
Width/Dia., in [mm]
0.591 [15]
Weight, lbs [g]
0.027 [12.25]
Connector
Type
TNC Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/tnc-male-standard-rg55-rg141-rg142-rg223-rg400-connector-pe4047-p.aspx
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4047
PE4047
PE4047 REV


Similar Part No. - PE4047

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4047 PASTERNACK-PE4047 Datasheet
354Kb / 3P
TNC Male Connector Crimp/Crimp Attachment
PE4047 PASTERNACK-PE4047_16 Datasheet
354Kb / 3P
TNC Male Connector Crimp/Crimp Attachment
More results

Similar Description - PE4047

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44471 PASTERNACK-PE44471 Datasheet
246Kb / 2P
RP N Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4042 PASTERNACK-PE4042 Datasheet
261Kb / 2P
N Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4067 PASTERNACK-PE4067 Datasheet
315Kb / 2P
TNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4663 PASTERNACK-PE4663 Datasheet
222Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44182 PASTERNACK-PE44182 Datasheet
248Kb / 2P
RT SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4134 PASTERNACK-PE4134 Datasheet
267Kb / 3P
N Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4445 PASTERNACK-PE4445 Datasheet
231Kb / 3P
C Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4044 PASTERNACK-PE4044 Datasheet
268Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4657 PASTERNACK-PE4657 Datasheet
111Kb / 1P
MHV MALE CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 & RG400
PE4767 PASTERNACK-PE4767 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com