Electronic Components Datasheet Search
  English  ▼

X  

PE4059 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4059
Description  N Female Connector Clamp/Solder (Captive Contact) Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4059 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4059 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4059 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female Connector Clamp/Solder (Captive Contact) Attachment
For RG213, RG214, RG8, RG9, RG11, RG225, RG393
N Female Connector Clamp/Solder (Captive Contact) Attachment For RG213, RG214, RG8, RG9, RG11,
RG225, RG393
Configuration
Connector
N Female
Connector Interface Type
RG213,RG214,RG8,RG9,RG11,RG225,RG393
Cable Attachment Method (Shield/Contact)
Clamp/Solder (Captive Contact)
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.56 [39.62]
Width/Dia., in [mm]
0.75 [19]
.
Weight, lbs [g]
0.123 [55.79]
Connector
Type
N Female
Contact Material and Plating
Silver
Body Material and Plating
Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-standard-rg213-rg214-rg8-rg9-rg11-rg225-rg393-connector-pe4059-p.aspx
N Female Connector Clamp/Solder (Captive Contact) Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
from Pasternack Enterprises has same day shipment for domestic and International orders. We maintain 99% availability of
the industry’s broadest selection of RF, microwave and fiber optic products.
PE4059
PE4059 REV


Similar Part No. - PE4059

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4059 PASTERNACK-PE4059 Datasheet
514Kb / 3P
N Female Connector Clamp/Solder (Captive Contact) Attachment
PE4059 PASTERNACK-PE4059_17 Datasheet
514Kb / 3P
N Female Connector Clamp/Solder (Captive Contact) Attachment
More results

Similar Description - PE4059

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4132 PASTERNACK-PE4132 Datasheet
325Kb / 3P
N Male Connector Clamp/Solder (Captive Contact) Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4212 PASTERNACK-PE4212 Datasheet
309Kb / 2P
BNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4373 PASTERNACK-PE4373 Datasheet
222Kb / 3P
MHV Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4411 PASTERNACK-PE4411 Datasheet
315Kb / 3P
SMA Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4155 PASTERNACK-PE4155 Datasheet
312Kb / 2P
TNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4960 PASTERNACK-PE4960 Datasheet
300Kb / 2P
C Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE44055 PASTERNACK-PE44055 Datasheet
249Kb / 2P
UHF Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4061 PASTERNACK-PE4061 Datasheet
308Kb / 2P
N Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4062 PASTERNACK-PE4062 Datasheet
258Kb / 2P
N Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE44105 PASTERNACK-PE44105 Datasheet
240Kb / 3P
MHV Female Bulkhead Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com