Electronic Components Datasheet Search
  English  ▼

X  

PE4061 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4061
Description  N Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4061 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4061 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4061 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female Connector Clamp/Solder Attachment For
RG213, RG214, RG8, RG9, RG11, RG225, RG393
N Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
Configuration
Connector
N Female
Connector Specification
MIL-STD-348A
Connector Interface Type
RG213,RG214,RG8,RG9,RG11,RG225,RG393
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
1,500
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.59 [40.39]
Width/Dia., in [mm]
0.75 [19]
.
Weight, lbs [g]
0.11 [49.9]
Connector
Type
N Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-standard-rg213-rg214-rg8-rg9-rg11-rg225-rg393-connector-pe4061-p.aspx
N Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393 from Pasternack
Enterprises has same day shipment for domestic and International orders. We maintain 99% availability of the industry’s
broadest selection of RF, microwave and fiber optic products.
PE4061
PE4061 REV


Similar Part No. - PE4061

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4061 PASTERNACK-PE4061 Datasheet
405Kb / 3P
N Female Connector Clamp/Solder Attachment
PE4061 PASTERNACK-PE4061_16 Datasheet
405Kb / 3P
N Female Connector Clamp/Solder Attachment
More results

Similar Description - PE4061

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4212 PASTERNACK-PE4212 Datasheet
309Kb / 2P
BNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4373 PASTERNACK-PE4373 Datasheet
222Kb / 3P
MHV Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4411 PASTERNACK-PE4411 Datasheet
315Kb / 3P
SMA Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4155 PASTERNACK-PE4155 Datasheet
312Kb / 2P
TNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4960 PASTERNACK-PE4960 Datasheet
300Kb / 2P
C Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE44050 PASTERNACK-PE44050 Datasheet
271Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE44055 PASTERNACK-PE44055 Datasheet
249Kb / 2P
UHF Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4059 PASTERNACK-PE4059 Datasheet
312Kb / 2P
N Female Connector Clamp/Solder (Captive Contact) Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4062 PASTERNACK-PE4062 Datasheet
258Kb / 2P
N Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE44105 PASTERNACK-PE44105 Datasheet
240Kb / 3P
MHV Female Bulkhead Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com