Electronic Components Datasheet Search
  English  ▼

X  

MPSW45 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPSW45
Description  One Watt Darlington Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSW45 Datasheet(HTML) 2 Page - Motorola, Inc

  MPSW45 Datasheet HTML 1Page - Motorola, Inc MPSW45 Datasheet HTML 2Page - Motorola, Inc MPSW45 Datasheet HTML 3Page - Motorola, Inc MPSW45 Datasheet HTML 4Page - Motorola, Inc MPSW45 Datasheet HTML 5Page - Motorola, Inc MPSW45 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPSW45 MPSW45A
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS(1)
DC Current Gain
(IC = 200 mAdc, VCE = 5.0 Vdc)
(IC = 500 mAdc, VCE = 5.0 Vdc)
(IC = 1.0 Adc, VCE = 5.0 Vdc)
hFE
25,000
15,000
4,000
150,000
—
—
—
Collector – Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 2.0 mAdc)
VCE(sat)
—
1.5
Vdc
Base– Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 2.0 mAdc)
VBE(sat)
—
2.0
Vdc
Base – Emitter On Voltage
(IC = 1.0 Adc, VCE = 5.0 Vdc)
VBE(on)
—
2.0
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current–Gain – Bandwidth Product
(IC = 200 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
100
—
MHz
Collector–Base Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Ccb
—
6.0
pF
1. Pulse Test: Pulse Width
v 300 ms; Duty Cycle v 2.0%.
RS
in
en
IDEAL
TRANSISTOR
Figure 1. Transistor Noise Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com