Electronic Components Datasheet Search
  English  ▼

X  

ADR420 Datasheet(PDF) 12 Page - Analog Devices

Part # ADR420
Description  Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR420 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADR420 Datasheet HTML 8Page - Analog Devices ADR420 Datasheet HTML 9Page - Analog Devices ADR420 Datasheet HTML 10Page - Analog Devices ADR420 Datasheet HTML 11Page - Analog Devices ADR420 Datasheet HTML 12Page - Analog Devices ADR420 Datasheet HTML 13Page - Analog Devices ADR420 Datasheet HTML 14Page - Analog Devices ADR420 Datasheet HTML 15Page - Analog Devices ADR420 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADR420/ADR421/ADR423/ADR425
Rev. I | Page 12 of 24
5
01234
LOAD CURRENT (mA)
2.5
2.0
1.5
1.0
0.5
0
–40°C
+125°C
+25°C
Figure 21. ADR423 Minimum Input/Output Voltage
Differential vs. Load Current
01234
LOAD CURRENT (mA)
2.5
2.0
1.5
1.0
0.5
0
–40°C
+125°C
+25°C
5
Figure 22. ADR425 Minimum Input/Output Voltage
Differential vs. Load Current
DEVIATION (ppm)
30
20
25
15
10
5
0
SAMPLE SIZE – 160
TEMPERATURE
+25°C
–40°C
+125°C
+25°C
Figure 23. ADR421 Typical Hysteresis
TIME (1s/DIV)
Figure 24. ADR421 Typical Noise Voltage 0.1 Hz to 10 Hz
TIME (1s/DIV)
Figure 25. Typical Noise Voltage 10 Hz to 10 kHz
FREQUENCY (Hz)
ADR423
ADR421
ADR420
ADR425
10
100
10
100
1k
1k
10k
Figure 26. Voltage Noise Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com