Electronic Components Datasheet Search
  English  ▼

X  

ADV7604 Datasheet(PDF) 2 Page - Analog Devices

Part # ADV7604
Description  12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7604 Datasheet(HTML) 2 Page - Analog Devices

  ADV7604 Datasheet HTML 1Page - Analog Devices ADV7604 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADV7604
Rev. SpC | Page 2 of 2
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-205-AG WITH
THE EXCEPTION TO BALL DIAMETER.
0.80
BSC
A
B
C
D
E
F
G
9
8
11
10
13
12
7
6
5
4
2
3
1
BOTTOM VIEW
13.60
BSC SQ
H
J
K
L
M
N
P
R
T
U
V
0.35 NOM
0.30 MIN
DETAIL A
TOP VIEW
DETAIL A
COPLANARITY
0.20
*0.50
0.45
0.40
BALL DIAMETER
SEATING
PLANE
15.10
15.00 SQ
14.90
A1 BALL
CORNER
A1 BALL
CORNER
1.50
1.36
1.21
1.11
1.01
0.91
15
14
17
16
18
Figure 1. 260-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-260-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2, 3
Temperature Range
Package Description
Package Option
ADV7604BBCZ-5
−40°C to +70°C
260-Ball Chip Scale Package Grid Array [CSP-BGA]
BC-260-1
ADV7604BBCZ-5P
−40°C to +70°C
260-Ball Chip Scale Package Grid Array [CSP-BGA]
BC-260-1
EVAL-ADV7604EB1Z
ADV7604BBCZ-5 Front End Evaluation Board
EVAL-ADV7604EB2Z
ADV7604BBCZ-5P Front End Evaluation Board
1
Z = RoHS Compliant Part.
2
The ADV7604BBCZ-5 is programmed with internal HDCP keys. Customers must have HDCP adopter status (consult Digital Content Protection LLC for licensing
requirements) to purchase any components with internal HDCP keys.
3
The ADV7604BBCZ-5P is not programmed with internal HDCP keys for professional applications. Customers are not required to have HDCP adopter status.
I2C refers to a communications protocol originally developed by Phillips Semiconductors (now NXP Semiconductors).
HDMI, the HDMI Logo, and High-Definition Multimedia Interface are trademarks or registered trademarks of HDMI Licensing LLC in the United States and
other countries.
©2009–2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07971-0-10/10(SpC)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com