Electronic Components Datasheet Search
  English  ▼

X  

ADV7180BSTZ Datasheet(PDF) 49 Page - Analog Devices

Part # ADV7180BSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180BSTZ Datasheet(HTML) 49 Page - Analog Devices

Back Button ADV7180BSTZ Datasheet HTML 45Page - Analog Devices ADV7180BSTZ Datasheet HTML 46Page - Analog Devices ADV7180BSTZ Datasheet HTML 47Page - Analog Devices ADV7180BSTZ Datasheet HTML 48Page - Analog Devices ADV7180BSTZ Datasheet HTML 49Page - Analog Devices ADV7180BSTZ Datasheet HTML 50Page - Analog Devices ADV7180BSTZ Datasheet HTML 51Page - Analog Devices ADV7180BSTZ Datasheet HTML 52Page - Analog Devices ADV7180BSTZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 49 of 120
ADVANCE BEGIN OF
VSYNC BY NVBEG[4:0]
DELAY BEGIN OF
VSYNC BY NVBEG[4:0]
VSYNC BEGIN
NVBEGSIGN
ODD FIELD?
0
1
NO
YES
NVBEGDELO
VSBHO
ADDITIONAL
DELAY BY
1 LINE
ADVANCE BY
0.5 LINE
1
0
1
0
NVBEGDELE
VSBHE
ADDITIONAL
DELAY BY
1 LINE
ADVANCE BY
0.5 LINE
1
0
1
0
NOT VALID FOR USER
PROGRAMMING
Figure 38. NTSC VSYNC Begin
NVBEGDELO, NTSC VSYNC Begin Delay on Odd Field,
Address 0xE5[7]
When NVBEGDELO is 0 (default), there is no delay.
Setting NVBEGDELO to 1 delays VSYNC going high on an odd
field by a line relative to NVBEG.
NVBEGDELE, NTSC VSYNC Begin Delay on Even Field,
Address 0xE5[6]
When NVBEGDELE is 0 (default), there is no delay.
Setting NVBEGDELE to 1 delays VSYNC going high on an
even field by a line relative to NVBEG.
NVBEGSIGN, NTSC VSYNC Begin Sign, Address 0xE5[5]
Setting NVBEGSIGN to 0 delays the start of VSYNC. Set for
user manual programming.
Setting NVBEGSIGN to 1 (default) advances the start of
VSYNC (not recommended for user programming).
NVBEG[4:0], NTSC VSYNC Begin, Address 0xE5[4:0]
The default value of NVBEG is 00101, indicating the NTSC
VSYNC begin position.
For all NTSC/PAL VSYNC timing controls, both the V bit in
the AV code and the VSYNC signal on the VS pin are modified.
ADVANCE END OF
VSYNC BY NVEND[4:0]
DELAY END OF VSYNC
BY NVEND[4:0]
VSYNC END
NVENDSIGN
ODD FIELD?
0
1
NO
YES
NVENDDELO
VSEHO
ADDITIONAL
DELAY BY
1 LINE
ADVANCE BY
0.5 LINE
1
0
1
0
NVENDDELE
VSEHE
ADDITIONAL
DELAY BY
1 LINE
ADVANCE BY
0.5 LINE
1
0
1
0
NOT VALID FOR USER
PROGRAMMING
Figure 39. NTSC VSYNC End
NVENDDELO, NTSC VSYNC End Delay on Odd Field,
Address 0xE6[7]
When NVENDDELO is 0 (default), there is no delay.
Setting NVENDDELO to 1 delays VSYNC from going low on
an odd field by a line relative to NVEND.
NVENDDELE, NTSC VSYNC End Delay on Even Field,
Address 0xE6[6]
When NVENDDELE is set to 0 (default), there is no delay.
Setting NVENDDELE to 1 delays VSYNC from going low on an
even field by a line relative to NVEND.
NVENDSIGN, NTSC VSYNC End Sign, Address 0xE6[5]
Setting NVENDSIGN to 0 (default) delays the end of VSYNC.
Set for user manual programming.
Setting NVENDSIGN to 1 advances the end of VSYNC (not
recommended for user programming).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com