Electronic Components Datasheet Search
  English  ▼

X  

OP1177 Datasheet(PDF) 3 Page - Analog Devices

Part # OP1177
Description  Precision Low Noise, Low Input Bias Current Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP1177 Datasheet(HTML) 3 Page - Analog Devices

  OP1177_09 Datasheet HTML 1Page - Analog Devices OP1177_09 Datasheet HTML 2Page - Analog Devices OP1177_09 Datasheet HTML 3Page - Analog Devices OP1177_09 Datasheet HTML 4Page - Analog Devices OP1177_09 Datasheet HTML 5Page - Analog Devices OP1177_09 Datasheet HTML 6Page - Analog Devices OP1177_09 Datasheet HTML 7Page - Analog Devices OP1177_09 Datasheet HTML 8Page - Analog Devices OP1177_09 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
OP1177/OP2177/OP4177
Rev. G | Page 3 of 24
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = ±5.0 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
OP1177
VOS
15
60
μV
OP2177/OP4177
VOS
15
75
μV
OP1177/OP2177
VOS
−40°C < TA < +125°C
25
100
μV
OP4177
VOS
−40°C < TA < +125°C
25
120
μV
Input Bias Current
IB
−40°C < TA < +125°C
−2
+0.5
+2
nA
Input Offset Current
IOS
−40°C < TA < +125°C
−1
+0.2
+1
nA
Input Voltage Range
−3.5
+3.5
V
Common-Mode Rejection Ratio
CMRR
VCM = −3.5 V to +3.5 V
120
126
dB
−40°C < TA < +125°C
118
125
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VO = −3.5 V to +3.5 V
1000
2000
V/mV
Offset Voltage Drift
OP1177/OP2177
ΔVOS/ΔT
−40°C < TA < +125°C
0.2
0.7
μV/°C
OP4177
ΔVOS/ΔT
−40°C < TA < +125°C
0.3
0.9
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1 mA, −40°C < TA < +125°C
+4
+4.1
V
Output Voltage Low
VOL
IL = 1 mA, −40°C < TA < +125°C
−4.1
−4
V
Output Current
IOUT
VDROPOUT < 1.2 V
±10
mA
POWER SUPPLY
Power Supply Rejection Ratio
OP1177
PSRR
VS = ±2.5 V to ±15 V
120
130
dB
−40°C < TA < +125°C
115
125
dB
OP2177/OP4177
PSRR
VS = ±2.5 V to ±15 V
118
121
dB
−40°C < TA < +125°C
114
120
dB
Supply Current per Amplifier
ISY
VO = 0 V
400
500
μA
−40°C < TA < +125°C
500
600
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
0.7
V/μs
Gain Bandwidth Product
GBP
1.3
MHz
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.4
μV p-p
Voltage Noise Density
en
f = 1 kHz
7.9
8.5
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.2
pA/√Hz
MULTIPLE AMPLIFIERS CHANNEL SEPARATION
CS
DC
0.01
μV/V
f = 100 kHz
−120
dB
1 Typical values cover all parts within one standard deviation of the average value. Average values given in many competitor data sheets as typical give unrealistically
low estimates for parameters that can have both positive and negative values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com