Electronic Components Datasheet Search
  English  ▼

X  

OP2177AR Datasheet(PDF) 13 Page - Analog Devices

Part # OP2177AR
Description  Precision Low Noise, Low Input Bias Current Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP2177AR Datasheet(HTML) 13 Page - Analog Devices

Back Button OP2177AR Datasheet HTML 9Page - Analog Devices OP2177AR Datasheet HTML 10Page - Analog Devices OP2177AR Datasheet HTML 11Page - Analog Devices OP2177AR Datasheet HTML 12Page - Analog Devices OP2177AR Datasheet HTML 13Page - Analog Devices OP2177AR Datasheet HTML 14Page - Analog Devices OP2177AR Datasheet HTML 15Page - Analog Devices OP2177AR Datasheet HTML 16Page - Analog Devices OP2177AR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
OP1177/OP2177/OP4177
Rev. G | Page 13 of 24
0
300
200
100
350
450
50
150
250
400
SUPPLY VOLTAGE (V)
510
15
020
25
30
35
TA = 25°C
Figure 49. Supply Current vs. Supply Voltage
FREQUENCY (Hz)
100
1k
10k
100k
–20
–40
–60
–80
–100
–120
–140
0
–160
10
1M
Figure 50. Channel Separation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com