Electronic Components Datasheet Search
  English  ▼

X  

PE4166 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4166
Description  75 Ohm SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG180, RG195, .177 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4166 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4166 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4166 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG180, RG195, .177 inch D Hole
Configuration
Connector
SMC Jack
Connector Interface Type
RG180,RG195
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.152 [29.26]
Width/Dia., in [mm]
0.344 [8.74]
.
Weight, lbs [g]
0.004 [1.81]
Connector
Type
SMC Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG180, RG195, .177 inch D Hole from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG180, RG195, .177 inch
D Hole PE4166
URL: http://www.pasternack.com/smc-jack-standard-rg180-rg195-connector-pe4166-p.aspx
PE4166
PE4166 REV 01
75 Ohm SMC Jack Bulkhead Connector Crimp/Solder
Attachment For RG180, RG195, .177 inch D Hole


Similar Part No. - PE4166

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4160 PASTERNACK-PE4160 Datasheet
282Kb / 2P
SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4160 PASTERNACK-PE4160 Datasheet
374Kb / 3P
SMC Plug Right Angle Connector Crimp/ Solder Attachment
PE4160 PASTERNACK-PE4160_16 Datasheet
374Kb / 3P
SMC Plug Right Angle Connector Crimp/ Solder Attachment
PE4161 PASTERNACK-PE4161 Datasheet
219Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp /Solder Attachment For RG180, RG195
PE4161 PASTERNACK-PE4161 Datasheet
317Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp/Solder Attachment
More results

Similar Description - PE4166

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4163 PASTERNACK-PE4163 Datasheet
257Kb / 2P
75 Ohm SMB Jack Connector Crimp/Solder Attachment For RG180, RG195
PE4162 PASTERNACK-PE4162 Datasheet
253Kb / 2P
75 Ohm SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG180, RG195
PE4164 PASTERNACK-PE4164 Datasheet
257Kb / 2P
75 Ohm SMC Jack Connector Crimp/Solder Attachment For RG180, RG195
PE4281 PASTERNACK-PE4281 Datasheet
263Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG180, RG195, 285 inch D HOLE
PE4267 PASTERNACK-PE4267 Datasheet
208Kb / 2P
75 Ohm SMC Plug Right Angle Connector Clamp/ Solder Attachment For RG180, RG195
PE4273 PASTERNACK-PE4273 Datasheet
208Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG180, RG195
PE4283 PASTERNACK-PE4283 Datasheet
212Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Clamp/Solder Attachment For RG180, RG195, .285 inch D Hole
PE4157 PASTERNACK-PE4157 Datasheet
217Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG180, RG195
PE4275 PASTERNACK-PE4275 Datasheet
209Kb / 2P
75 Ohm SMC Jack Connector Clamp-Solder Attachment For RG180, RG195
PE4158 PASTERNACK-PE4158 Datasheet
219Kb / 3P
75 Ohm SMC Plug Connector Crimp - Solder Attachment For RG180, RG195
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com