Electronic Components Datasheet Search
  English  ▼

X  

PE4168 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4168
Description  75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .317 inch Diameter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4168 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4168 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4168 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .317 inch Diameter
Configuration
Connector
SMB Jack
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
0.585 [14.86]
Width/Dia., in [mm]
0.375 [9.53]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMB Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .317 inch Diameter from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .317 inch
Diameter PE4168
URL: http://www.pasternack.com/smb-jack-standard-solder-cup-terminal-connector-pe4168-p.aspx
PE4168
PE4168 REV 01
75 Ohm SMB Jack Bulkhead Connector Solder
Attachment Solder Cup Terminal, .317 inch Diameter


Similar Part No. - PE4168

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4160 PASTERNACK-PE4160 Datasheet
282Kb / 2P
SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4160 PASTERNACK-PE4160 Datasheet
374Kb / 3P
SMC Plug Right Angle Connector Crimp/ Solder Attachment
PE4160 PASTERNACK-PE4160_16 Datasheet
374Kb / 3P
SMC Plug Right Angle Connector Crimp/ Solder Attachment
PE4161 PASTERNACK-PE4161 Datasheet
219Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp /Solder Attachment For RG180, RG195
PE4161 PASTERNACK-PE4161 Datasheet
317Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp/Solder Attachment
More results

Similar Description - PE4168

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4506 PASTERNACK-PE4506 Datasheet
228Kb / 3P
75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
PE4172 PASTERNACK-PE4172 Datasheet
284Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal .295 inch D HOLE
PE4169 PASTERNACK-PE4169 Datasheet
287Kb / 1P
75 ohm smc Jack Bulkhead Connector SOLDER Attachment Solder Cup Terminal, .295 inch D Hole Read mount
PE4290 PASTERNACK-PE4290 Datasheet
205Kb / 2P
75 Ohm SMB Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE4165 PASTERNACK-PE4165 Datasheet
208Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Crimp/Solder 75 Ohm SMB Jack Bulkhead Connector Crimp/Solder
PE4286 PASTERNACK-PE4286 Datasheet
213Kb / 3P
75 Ohm SMB Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE4167 PASTERNACK-PE4167_16 Datasheet
341Kb / 3P
SMB Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4169 PASTERNACK-PE4169_16 Datasheet
317Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4170 PASTERNACK-PE4170_16 Datasheet
348Kb / 3P
SMB Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4173 PASTERNACK-PE4173_16 Datasheet
349Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com