Electronic Components Datasheet Search
  English  ▼

X  

TMP36GT9 Datasheet(PDF) 18 Page - Analog Devices

Part # TMP36GT9
Description  Low Voltage Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP36GT9 Datasheet(HTML) 18 Page - Analog Devices

Back Button TMP36GT9 Datasheet HTML 12Page - Analog Devices TMP36GT9 Datasheet HTML 13Page - Analog Devices TMP36GT9 Datasheet HTML 14Page - Analog Devices TMP36GT9 Datasheet HTML 15Page - Analog Devices TMP36GT9 Datasheet HTML 16Page - Analog Devices TMP36GT9 Datasheet HTML 17Page - Analog Devices TMP36GT9 Datasheet HTML 18Page - Analog Devices TMP36GT9 Datasheet HTML 19Page - Analog Devices TMP36GT9 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
TMP35/TMP36/TMP37
Rev. F | Page 18 of 20
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AA
OUTLINE DIMENSIONS
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
8°
0°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-178-AA
10°
5°
0°
SEATING
PLANE
1.90
BSC
0.95 BSC
0.60
BSC
3.00
2.90
2.80
5
12
3
4
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.20 MAX
0.08 MIN
1.45 MAX
0.95 MIN
0.15 MAX
0.05 MIN
0.50 MAX
0.35 MIN
0.55
0.45
0.35
Figure 36. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions shown in millimeters and (inches)
Figure 37. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
CONTROLLING DIMENSIONS ARE IN I
(IN PARENTHESES) ARE ROUNDED-OFF EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC ST
NCHES; MILLIMETER DIMENSIONS
ANDARDS TO-226-AA
0.020 (0.51)
0.017 (0.43)
0.014 (0.36)
0.1150 (2.92)
0.0975 (2.48)
0.0800 (2.03)
0.165 (4.19)
0.145 (3.68)
0.125 (3.18)
1
2
3
BOTTOM VIEW
FRONT VIEW
0.0220 (0.56)
0.0185 (0.47)
0.0150 (0.38)
0.105 (2.68)
0.100 (2.54)
0.095 (2.42)
0.055 (1.40)
0.050 (1.27)
0.045 (1.15)
SEATING
PLANE
0.500 (12.70) MIN
0.205 (5.21)
0.190 (4.83)
0.175 (4.45)
0.210 (5.33)
0.190 (4.83)
0.170 (4.32)
Figure 38. 3-Pin Plastic Header-Style Package [TO-92]
(T-3)
Dimensions shown in inches and (millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com