Electronic Components Datasheet Search
  English  ▼

X  

PE4180 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4180
Description  75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4180 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4180 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4180 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMC Jack Right Angle Connector Solder Attachment
Thru Hole PCB, .200 inch x .067 inch Hole Spacing
75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole
Spacing
Configuration
Connector
SMC Jack
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
0.67 [17.02]
Width/Dia., in [mm]
0.375 [10]
Height, in [mm]
0.56 [14.22]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMC Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067
inch Hole Spacing PE4180
URL: http://www.pasternack.com/smc-jack-standard-thru-hole-pcb-connector-pe4180-p.aspx
PE4180
PE4180 REV


Similar Part No. - PE4180

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4180 PASTERNACK-PE4180 Datasheet
317Kb / 3P
75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE4180 PASTERNACK-PE4180_16 Datasheet
317Kb / 3P
75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB
More results

Similar Description - PE4180

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4175 PASTERNACK-PE4175 Datasheet
258Kb / 3P
SMC Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4292 PASTERNACK-PE4292 Datasheet
221Kb / 3P
75 Ohm SMB Plug Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4369 PASTERNACK-PE4369 Datasheet
234Kb / 2P
75 Ohm SMC Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4110 PASTERNACK-PE4110 Datasheet
220Kb / 3P
75 Ohm SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4293 PASTERNACK-PE4293 Datasheet
221Kb / 3P
75 Ohm SMC Plug Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4177 PASTERNACK-PE4177 Datasheet
259Kb / 3P
SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4178 PASTERNACK-PE4178 Datasheet
259Kb / 3P
SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4179 PASTERNACK-PE4179 Datasheet
245Kb / 3P
75 Ohm SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4110 PASTERNACK-PE4110_16 Datasheet
318Kb / 3P
75 Ohm SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4367 PASTERNACK-PE4367_16 Datasheet
316Kb / 3P
SMC Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com