Electronic Components Datasheet Search
  English  ▼

X  

PE4197 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4197
Description  SMA Female Connector Solder Attachment 2 Hole Flange For PE-SR405AL, PE-SR405FL, RG405, .481 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4197 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4197 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4197 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4197 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female Connector Solder Attachment 2 Hole Flange For
PE-SR405AL, PE-SR405FL, RG405, .481 inch Hole Spacing
SMA Female Connector Solder Attachment 2 Hole Flange For PE-SR405AL, PE-SR405FL, RG405,
.481 inch Hole Spacing
Configuration
Connector
SMA Female
Connector Specification
MIL-STD-348
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Mount Method
2 Hole Flange
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
0.5 [12.7]
Width/Dia., in [mm]
0.25 [6]
Height, in [mm]
0.63 [16]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204, Type II, Class 2
Body Material and Plating
Stainless Steel, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder Attachment 2 Hole Flange For PE-SR405AL, PE-SR405FL,
RG405, .481 inch Hole Spacing PE4197
PE4197
PE4197 REV


Similar Part No. - PE4197

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4197 PASTERNACK-PE4197 Datasheet
328Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount
PE4197 PASTERNACK-PE4197_16 Datasheet
328Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount
More results

Similar Description - PE4197

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44437 PASTERNACK-PE44437 Datasheet
265Kb / 3P
SSMA Female Connector Solder Attachment 2 Hole Flange For PE-SR405AL, PE-SR405FL, RG405, .328 inch Hole Spacing
PE44439 PASTERNACK-PE44439 Datasheet
263Kb / 3P
SSMA Female Connector Solder Attachment 4 Hole Flange For PE-SR405AL, PE-SR405FL, RG405, .232 inch Hole Spacing
PE4865 PASTERNACK-PE4865 Datasheet
259Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE4005 PASTERNACK-PE4005 Datasheet
273Kb / 3P
SMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4116 PASTERNACK-PE4116 Datasheet
213Kb / 2P
SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4119 PASTERNACK-PE4119 Datasheet
292Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE4122 PASTERNACK-PE4122 Datasheet
231Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange For PE-SR405AL, PE-SR405FL, RG405, .340 inch Hole Spacing
PE4853 PASTERNACK-PE4853 Datasheet
209Kb / 2P
RP SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44694 PASTERNACK-PE44694 Datasheet
871Kb / 2P
SMA Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44998 PASTERNACK-PE44998 Datasheet
364Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount for RG405, PE-SR405FL, PE-SR405AL .340 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com