Electronic Components Datasheet Search
  English  ▼

X  

PE4198 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4198
Description  HN Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4198 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4198 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4198 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4198 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
HN Male Connector Clamp/Solder Attachment For
RG58, RG55, RG141, RG142, RG223, RG400
HN Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
Configuration
Connector
HN Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG58,RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 10
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,500
Dielectric Withstanding Voltage, Vrms
5,000
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.35:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.407 [35.74]
Width/Dia., in [mm]
0.866 [22]
.
Weight, lbs [g]
0.096 [43.54]
Connector
Type
HN Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: HN Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223,
RG400 PE4198
PE4198
PE4198 REV


Similar Part No. - PE4198

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4198 PASTERNACK-PE4198 Datasheet
400Kb / 4P
HN Male Connector Clamp/Solder Attachment
PE4198 PASTERNACK-PE4198_16 Datasheet
400Kb / 4P
HN Male Connector Clamp/Solder Attachment
More results

Similar Description - PE4198

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4242 PASTERNACK-PE4242 Datasheet
300Kb / 2P
C Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4067 PASTERNACK-PE4067 Datasheet
315Kb / 2P
TNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4076 PASTERNACK-PE4076 Datasheet
871Kb / 2P
MHV Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4081 PASTERNACK-PE4081 Datasheet
276Kb / 2P
N Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4023 PASTERNACK-PE4023 Datasheet
498Kb / 3P
BNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4480 PASTERNACK-PE4480 Datasheet
223Kb / 3P
HN Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4519 PASTERNACK-PE4519 Datasheet
237Kb / 3P
SC Male Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4766 PASTERNACK-PE4766 Datasheet
228Kb / 2P
RP SMA Male Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com