Electronic Components Datasheet Search
  English  ▼

X  

PE4229 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4229
Description  HN Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4229 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4229 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4229 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
HN Female Connector Clamp/Solder Attachment For
RG213, RG214, RG8, RG9, RG225, RG393
HN Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
Configuration
Connector
HN Female
Connector Specification
MIL-STD-348A
Connector Interface Type
RG213,RG214,RG8,RG9,RG225,RG393
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 10
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
2.52 [64.01]
Width/Dia., in [mm]
0.75 [19]
.
Weight, lbs [g]
0.178 [80.74]
Connector
Type
HN Female
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/hn-female-standard-rg213-rg214-rg8-rg9-rg225-rg393-connector-pe4229-p.aspx
HN Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393 from Pasternack Enterprises
has same day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection
of RF, microwave and fiber optic products.
PE4229
PE4229 REV


Similar Part No. - PE4229

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4229 PASTERNACK-PE4229 Datasheet
408Kb / 3P
HN Female Connector Clamp/Solder Attachment
PE4229 PASTERNACK-PE4229_17 Datasheet
408Kb / 3P
HN Female Connector Clamp/Solder Attachment
More results

Similar Description - PE4229

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4212 PASTERNACK-PE4212 Datasheet
309Kb / 2P
BNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4373 PASTERNACK-PE4373 Datasheet
222Kb / 3P
MHV Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4411 PASTERNACK-PE4411 Datasheet
315Kb / 3P
SMA Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4155 PASTERNACK-PE4155 Datasheet
312Kb / 2P
TNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4182 PASTERNACK-PE4182 Datasheet
314Kb / 2P
HN Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4960 PASTERNACK-PE4960 Datasheet
300Kb / 2P
C Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4520 PASTERNACK-PE4520 Datasheet
312Kb / 3P
SC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE44055 PASTERNACK-PE44055 Datasheet
249Kb / 2P
UHF Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE44450 PASTERNACK-PE44450 Datasheet
228Kb / 2P
LC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4735 PASTERNACK-PE4735 Datasheet
225Kb / 2P
RP BNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com