Electronic Components Datasheet Search
  English  ▼

X  

PE44500 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44500
Description  QMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .268 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44500 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44500 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44500 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44500 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
QMA Female Bulkhead Connector Solder Attachment For
PE-SR402AL, PE-SR402FL, RG402, .268 inch D Hole
QMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .268 inch D
Hole
Configuration
Connector
QMA Female
Connector Interface Type
PE-SR402AL,PE-SR402FL,RG402
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.05:1
Return Loss, dB
32
Insertion Loss, dB
0.087
Frequency 2
Frequency, GHz
3 to 6
VSWR
1.12:1
Return Loss, dB
25
Insertion Loss, dB
0.122
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Size
Length, in [mm]
0.787 [19.99]
Width/Dia., in [mm]
0.433 [11]
.
Weight, lbs [g]
0.006 [2.72]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: QMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL,
RG402, .268 inch D Hole PE44500
PE44500
PE44500 REV


Similar Part No. - PE44500

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4450 PASTERNACK-PE4450 Datasheet
115Kb / 1P
TNC MALE RIGHT ANGLE GRIMP ATTACHMENT FOR RG55 RG142 RG223& RG400
PE4450 PASTERNACK-PE4450 Datasheet
377Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE44501 PASTERNACK-PE44501 Datasheet
223Kb / 3P
QMA Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44502 PASTERNACK-PE44502 Datasheet
256Kb / 3P
QMA Male Connector Crimp/Solder Attachment For RG316-DS
PE44503 PASTERNACK-PE44503 Datasheet
250Kb / 2P
QMA Male Connector Crimp/Solder Attachment For RG58, RG141
More results

Similar Description - PE44500

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4150 PASTERNACK-PE4150 Datasheet
96Kb / 1P
TNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4915 PASTERNACK-PE4915 Datasheet
96Kb / 1P
BNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4985 PASTERNACK-PE4985 Datasheet
261Kb / 2P
3.5mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4120 PASTERNACK-PE4120 Datasheet
289Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
PE4148 PASTERNACK-PE4148 Datasheet
290Kb / 2P
TNC Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .480 inch D Hole
PE4113 PASTERNACK-PE4113 Datasheet
108Kb / 1P
N FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4864 PASTERNACK-PE4864 Datasheet
259Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
PE4990 PASTERNACK-PE4990 Datasheet
265Kb / 2P
2.92mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
PE44496 PASTERNACK-PE44496 Datasheet
381Kb / 3P
QMA Male Connector Solder Attachment for PE-SR402AL, PE-SR402FL, RG402
PE44609 PASTERNACK-PE44609 Datasheet
221Kb / 2P
QN Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .500 inch Diameter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com