Electronic Components Datasheet Search
  English  ▼

X  

PE44501 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44501
Description  QMA Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44501 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44501 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44501 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44501 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
QMA Male Connector Crimp/Solder Attachment
For RG174, RG316, RG188
QMA Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
QMA Male
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum Operating Voltage, Volts
350
Dielectric Withstanding Voltage, Vrms
750
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.05:1
Return Loss, dB
32
Insertion Loss, dB
0.086
Frequency 2
Frequency, GHz
3 to 4
VSWR
1.08:1
Return Loss, dB
28
Insertion Loss, dB
0.1
Frequency 3
Frequency, GHz
4 to 6
VSWR
1.12:1
Return Loss, dB
25
Insertion Loss, dB
0.12
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Storage Range, deg C
-40 to +85
Size
Length, in [mm]
0.96 [24.38]
Width/Dia., in [mm]
0.41 [10]
.
Weight, lbs [g]
0.006 [2.72]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: QMA Male Connector Crimp/Solder Attachment For RG174, RG316, RG188 PE44501
PE44501
PE44501 REV


Similar Part No. - PE44501

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4450 PASTERNACK-PE4450 Datasheet
115Kb / 1P
TNC MALE RIGHT ANGLE GRIMP ATTACHMENT FOR RG55 RG142 RG223& RG400
PE4450 PASTERNACK-PE4450 Datasheet
377Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE44500 PASTERNACK-PE44500 Datasheet
279Kb / 3P
QMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .268 inch D Hole
PE44502 PASTERNACK-PE44502 Datasheet
256Kb / 3P
QMA Male Connector Crimp/Solder Attachment For RG316-DS
PE44503 PASTERNACK-PE44503 Datasheet
250Kb / 2P
QMA Male Connector Crimp/Solder Attachment For RG58, RG141
More results

Similar Description - PE44501

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4933 PASTERNACK-PE4933 Datasheet
305Kb / 3P
MHV Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4429 PASTERNACK-PE4429 Datasheet
317Kb / 2P
N Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4003 PASTERNACK-PE4003 Datasheet
245Kb / 2P
SMA MALE Connector Crimp/Solder Attachment For RG174,RG316,RG188
PE4720 PASTERNACK-PE4720 Datasheet
274Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44351 PASTERNACK-PE44351 Datasheet
228Kb / 3P
10-32 Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44504 PASTERNACK-PE44504 Datasheet
260Kb / 2P
QMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4043 PASTERNACK-PE4043 Datasheet
325Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44184 PASTERNACK-PE44184 Datasheet
221Kb / 3P
RT SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE44379 PASTERNACK-PE44379 Datasheet
265Kb / 3P
SSMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE45284 PASTERNACK-PE45284 Datasheet
381Kb / 3P
QMA Male Right Angle Connector Crimp/Solder Attachment for RG174, RG316, RG188
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com