Electronic Components Datasheet Search
  English  ▼

X  

A1321 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A1321
Description  Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1321 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A1321 Datasheet HTML 1Page - Allegro MicroSystems A1321 Datasheet HTML 2Page - Allegro MicroSystems A1321 Datasheet HTML 3Page - Allegro MicroSystems A1321 Datasheet HTML 4Page - Allegro MicroSystems A1321 Datasheet HTML 5Page - Allegro MicroSystems A1321 Datasheet HTML 6Page - Allegro MicroSystems A1321 Datasheet HTML 7Page - Allegro MicroSystems A1321 Datasheet HTML 8Page - Allegro MicroSystems A1321 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Description
TheA132XfamilyoflinearHall-effectsensorICsareoptimized,
sensitive, and temperature-stable.These ratiometric Hall-effect
sensor ICs provide a voltage output that is proportional to the
applied magnetic field. The A132X family has a quiescent
output voltage that is 50% of the supply voltage and output
sensitivity options of 2.5 mV/G, 3.125 mV/G, and 5m V/G.
The features of this family of devices are ideal for use in the
harsh environments found in automotive and industrial linear
and rotary position sensing systems.
Each device has a BiCMOS monolithic circuit which integrates
a Hall element, improved temperature-compensating circuitry
to reduce the intrinsic sensitivity drift of the Hall element,
a small-signal high-gain amplifier, and a rail-to-rail low-
impedance output stage.
A proprietary dynamic offset cancellation technique, with
an internal high-frequency clock, reduces the residual offset
voltage normally caused by device overmolding, temperature
dependencies, and thermal stress. The high frequency clock
allows for a greater sampling rate, which results in higher
accuracy and faster signal processing capability.This technique
produces devices that have an extremely stable quiescent output
voltage, are immune to mechanical stress, and have precise
A1321-DS, Rev. 23
Features and Benefits
▪ Temperature-stable quiescent output voltage
▪ Precise recoverability after temperature cycling
▪ Output voltage proportional to magnetic flux density
▪ Ratiometric rail-to-rail output
▪ Improved sensitivity
▪ 4.5 to 5.5 V operation
▪ Immunity to mechanical stress
▪ Solid-state reliability
▪ Robust EMC protection
Ratiometric Linear Hall Effect Sensor ICs
for High-Temperature Operation
Functional Block Diagram
Not to scale
A1321, A1322, and A1323
Continued on the next page…
Packages: 3 pin SOT23W (suffix LH), and
3 pin SIP (suffix UA)
Amp
GND
VOUT
VCC
Out
Offset
Trim
Control
Gain
0.1
μF
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com