Electronic Components Datasheet Search
  English  ▼

X  

FTD25 Datasheet(PDF) 1 Page - FCI connector

Part # FTD25
Description  MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

FTD25 Datasheet(HTML) 1 Page - FCI connector

  FTD25 Datasheet HTML 1Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
-40 to +155
33-502
FTD25
SYMBOL
VR
IFSM
I(AV)
VF
IR
TJ, TSTG
7.5
10 / 500
UNIT
V
V
A
A
uA
oC
200
150
1.2
DC Reverse Voltage, VR
Peak forward surge current 8.3ms single half sine wave
Peak Rectifier Forward Current
Maximum Inst. Forward Voltage Drop,
Maximum DC Reverse Current (VB)@TJ=25 C
Operating Junction and Storage Temperature Range
Alternator Rated Current
IF at 80Amp
¬
Weight: 6.5 gram
Features
¬
Low forward voltage drop
¬
High current capability
¬
Case: OFC Heat Sink
¬
High surge current capability
¬
Encap: Epoxy Sealed Rated
Mechanical Data
¬
High reliability
UL94V-0
Data Sheet
DIODE TRIO
WAI TYPE
Description
Mechanical Dimensions
(VB)@TJ=100
oC


Similar Part No. - FTD25

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FTD25 FCI-FTD25 Datasheet
308Kb / 1P
DIODE TRIO WAI TYPE Low forward voltage drop High reliability
More results

Similar Description - FTD25

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
M10FF3 VMI-M10FF3 Datasheet
251Kb / 1P
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
logo
FCI connector
FTD21 FCI-CONNECTOR-FTD21 Datasheet
304Kb / 1P
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD22 FCI-CONNECTOR-FTD22 Datasheet
398Kb / 2P
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD23 FCI-CONNECTOR-FTD23 Datasheet
370Kb / 1P
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD110B FCI-CONNECTOR-FTD110B Datasheet
1Mb / 1P
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD110C FCI-CONNECTOR-FTD110C Datasheet
500Kb / 2P
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD110F FCI-CONNECTOR-FTD110F Datasheet
1Mb / 1P
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD182 FCI-CONNECTOR-FTD182 Datasheet
155Kb / 1P
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD1200 FCI-CONNECTOR-FTD1200 Datasheet
1Mb / 1P
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
logo
DONGGUAN YOU FENG WEI E...
SMAJ5.0A YFWDIODE-SMAJ5.0A Datasheet
845Kb / 4P
Maximum Ratings and Thermal Characteristics
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com