Electronic Components Datasheet Search
  English  ▼

X  

MPSW55 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPSW55
Description  One Watt Amplifier Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSW55 Datasheet(HTML) 3 Page - Motorola, Inc

  MPSW55 Datasheet HTML 1Page - Motorola, Inc MPSW55 Datasheet HTML 2Page - Motorola, Inc MPSW55 Datasheet HTML 3Page - Motorola, Inc MPSW55 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPSW55 MPSW56
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
IC, COLLECTOR CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
–0.8
–2.8
–1.0
–100
–10
θVB for VBE
–0.5
–2.0
–5.0
–20
–50
–200
–1.2
–1.6
–2.0
–2.4
–500
Figure 5. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
–100
–50
–20
–10
–5.0
–2.0
–1.0
–0.5
–0.2
–0.1
100
70
50
30
20
5.0
TJ = 25°C
Cobo
Cibo
10
7.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
–2 k
–1.0
MPSW55
–2.0
–5.0
Figure 6. Current–Gain — Bandwidth Product
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
–500
–200
–100
–50
–20
–10
–10
–20
–60 –80 –100
MPSW56
100
µs
1.0 ms
1.0 s
TC = 25°C
TA = 25°C
dc
dc
–1 k
DUTY CYCLE
≤ 10%
IC, COLLECTOR CURRENT (mA)
–200
–70
–50
–30
–20
–10
–7.0
–5.0
–3.0
–2.0
200
100
70
50
20
VCE = –2.0 V
TJ = 25°C
–100
30
Figure 7. Active Region — Safe Operating
Area



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com