Electronic Components Datasheet Search
  English  ▼

X  

PE4022 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4022
Description  UHF Sexless Connector Accessories Attachment For RG58
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4022 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4022 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4022 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
UHF Sexless Connector Accessories Attachment For RG58
UHF Sexless Connector Accessories Attachment For RG58
Configuration
Connector
UHF Sexless
Connector Interface Type
RG58
Cable Attachment Method (Shield/Contact)
Accessories
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.99 [25.15]
Width/Dia., in [mm]
0.433 [11]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
UHF Sexless
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/uhf-sexless-standard-rg58-connector-pe4022-p.aspx
UHF Sexless Connector Accessories Attachment For RG58 from Pasternack Enterprises has same day shipment for domestic
and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and fiber optic
products.
PE4022
PE4022 REV


Similar Part No. - PE4022

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4020 PASTERNACK-PE4020 Datasheet
285Kb / 2P
UHF Male Connector Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4020 PASTERNACK-PE4020 Datasheet
392Kb / 3P
UHF Male Connector Solder Attachment
PE4020 PASTERNACK-PE4020_16 Datasheet
392Kb / 3P
UHF Male Connector Solder Attachment
PE4021 PASTERNACK-PE4021 Datasheet
285Kb / 2P
UHF Sexless Connector Accessories UHF Sexless Connector Accessories
PE4023 PASTERNACK-PE4023 Datasheet
498Kb / 3P
BNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results

Similar Description - PE4022

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44058 PASTERNACK-PE44058 Datasheet
207Kb / 2P
UHF Female Connector Crimp/Solder Attachment For RG58
PE4233 PASTERNACK-PE4233 Datasheet
221Kb / 3P
GR874 Sexless Connector Crimp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4342 PASTERNACK-PE4342 Datasheet
248Kb / 2P
Mini UHF Male Connector Crimp/Solder Attachment For RG58
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44084 PASTERNACK-PE44084 Datasheet
205Kb / 2P
Mini UHF Female Connector Crimp/Solder Attachment For RG58
PE4069 PASTERNACK-PE4069 Datasheet
252Kb / 2P
UHF Male Connector Crimp/Solder Attachment For RG58
PE4348 PASTERNACK-PE4348 Datasheet
203Kb / 2P
GR874 Sexless Connector Accessories Attachment Accessories
PE44082 PASTERNACK-PE44082 Datasheet
261Kb / 2P
Mini UHF Male Right Angle Connector Crimp - Solder Attachment For RG58
PE4021 PASTERNACK-PE4021 Datasheet
285Kb / 2P
UHF Sexless Connector Accessories UHF Sexless Connector Accessories
PE44479 PASTERNACK-PE44479 Datasheet
82Kb / 1P
MINI UHF MALE, PUSH ON, CRIMP ATTACHMENT FOR RG58
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com