Electronic Components Datasheet Search
  English  ▼

X  

A3992 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A3992
Description  DMOS Dual Full-Bridge Microstepping PWM Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3992 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A3992_13 Datasheet HTML 5Page - Allegro MicroSystems A3992_13 Datasheet HTML 6Page - Allegro MicroSystems A3992_13 Datasheet HTML 7Page - Allegro MicroSystems A3992_13 Datasheet HTML 8Page - Allegro MicroSystems A3992_13 Datasheet HTML 9Page - Allegro MicroSystems A3992_13 Datasheet HTML 10Page - Allegro MicroSystems A3992_13 Datasheet HTML 11Page - Allegro MicroSystems A3992_13 Datasheet HTML 12Page - Allegro MicroSystems A3992_13 Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
DMOS Dual Full-Bridge
Microstepping PWM Motor Driver
A3992
13
Allegro MicroSystems, LLC
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Package LP, 24 Pin TSSOP with Exposed Thermal Pad
Package LP, 24 Pin TSSOP with Exposed Thermal Pad
1.20 MAX
C
SEATING
PLANE
0.15 MAX
C
0.10
24X
0.65
6.10
3.00
4.32
1.65
0.45
0.65
0.25
2
1
24
3.00
4.32
(1.00)
GAUGE PLANE
SEATING PLANE
B
A
A Terminal #1 mark area
B
For Reference Only
(reference JEDEC MO-153 ADT)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
Reference land pattern layout (reference IPC7351
TSOP65P640X120-25M); all pads a minimum of 0.20 mm from all
adjacent pads; adjust as necessary to meet application process
requirements and PCB layout tolerances; when mounting on a multilayer
PCB, thermal vias at the exposed thermal pad land can improve thermal
dissipation (reference EIA/JEDEC Standard JESD51-5)
PCB Layout Reference View
Exposed thermal pad (bottom surface)
C
C
7.80 ±0.10
4.40 ±0.10
6.40 ±0.20
0.60 ±0.15
4° ±4
0.25 +0.05
–0.06
0.15 +0.05
–0.06
Copyright ©2006-2013, Allegro MicroSystems, LLC
Allegro MicroSystems, LLC reserves the right to make, from time to time, such departures from the detail specifications as may be required to
permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that
the information being relied upon is current.
Allegro’s products are not to be used in life support devices or systems, if a failure of an Allegro product can reasonably be expected to cause the
failure of that life support device or system, or to affect the safety or effectiveness of that device or system.
The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, LLC assumes no responsibility for its
use; nor for any infringement of patents or other rights of third parties which may result from its use.
For the latest version of this document, visit our website:
www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com