Electronic Components Datasheet Search
  English  ▼

X  

PE4544 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4544
Description  SMA Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4544 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4544 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4544 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
Configuration
Connector
SMA Male
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.065 [27.05]
Width/Dia., in [mm]
0.437 [11.10]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole PE4544
URL: http://www.pasternack.com/sma-male-standard-solder-cup-terminal-connector-pe4544-p.aspx
PE4544
PE4544 REV 01
SMA Male Bulkhead Connector Solder Attachment
Solder Cup Terminal, .350 inch D Hole


Similar Part No. - PE4544

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4544 PASTERNACK-PE4544 Datasheet
316Kb / 3P
SMA Male Bulkhead Mount Connector Solder Attachment
PE4544 PASTERNACK-PE4544_16 Datasheet
316Kb / 3P
SMA Male Bulkhead Mount Connector Solder Attachment
More results

Similar Description - PE4544

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4211 PASTERNACK-PE4211 Datasheet
257Kb / 3P
BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4627 PASTERNACK-PE4627 Datasheet
284Kb / 2P
75 Ohm BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4490 PASTERNACK-PE4490 Datasheet
296Kb / 3P
N Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4354 PASTERNACK-PE4354 Datasheet
260Kb / 3P
SMA Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole
PE44097 PASTERNACK-PE44097 Datasheet
205Kb / 2P
C Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE44149 PASTERNACK-PE44149 Datasheet
204Kb / 2P
FME Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4536 PASTERNACK-PE4536 Datasheet
223Kb / 3P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4761 PASTERNACK-PE4761 Datasheet
221Kb / 3P
RP BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4490BK PASTERNACK-PE4490BK Datasheet
447Kb / 3P
N Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole, Black Finish
PE4211 PASTERNACK-PE4211_17 Datasheet
350Kb / 3P
BNC Male Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com