Electronic Components Datasheet Search
  English  ▼

X  

PE4545 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4545
Description  SMA Female Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .235 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4545 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4545 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4545 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4545 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female Right Angle Bulkhead Connector Solder
Attachment Thru Hole PCB, .235 inch D Hole
SMA Female Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .235 inch D Hole
Configuration
Connector
SMA Female
Connector Specification
MIL-STD-348A
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 12.4
Impedance, Ohms
50
Maximum VSWR
1.23:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.799 [20.29]
Width/Dia., in [mm]
0.25 [6]
Height, in [mm]
0.53 [13.46]
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Female
Contact Material and Plating
Brass/Beryllium Copper, Gold
Contact Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
3µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .235 inch D
Hole PE4545
PE4545
PE4545 REV


Similar Part No. - PE4545

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4545 PASTERNACK-PE4545 Datasheet
349Kb / 3P
SMA Female Right Angle Bulkhead Mount Connector Solder Attachment
logo
Peregrine Semiconductor
PE45450 PSEMI-PE45450 Datasheet
805Kb / 12P
UltraCMOS짰 Power Limiter
logo
Pasternack Enterprises,...
PE45450 PASTERNACK-PE45450 Datasheet
537Kb / 6P
2.92mm Female Connector
PE45450 PASTERNACK-PE45450_V01 Datasheet
537Kb / 6P
2.92mm Female Connector
PE45451 PASTERNACK-PE45451 Datasheet
549Kb / 6P
2.92mm Female Connector
More results

Similar Description - PE4545

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4528 PASTERNACK-PE4528 Datasheet
215Kb / 2P
SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .235 inch D Hole
PE4219 PASTERNACK-PE4219 Datasheet
235Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, Front Mount
PE4924 PASTERNACK-PE4924 Datasheet
270Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-020SR, .235 inch D Hole
PE4300 PASTERNACK-PE4300 Datasheet
221Kb / 3P
SMA Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole
PE4101 PASTERNACK-PE4101 Datasheet
253Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, Rear Mount
PE4923 PASTERNACK-PE4923 Datasheet
220Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-034SR, .235 inch D Hole
PE44398 PASTERNACK-PE44398 Datasheet
264Kb / 3P
N Female Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .596 inch D Hole
PE4524 PASTERNACK-PE4524 Datasheet
259Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Thru Hole PCB, .235 inch D Hole
PE44644 PASTERNACK-PE44644 Datasheet
244Kb / 2P
SMA Female Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4875 PASTERNACK-PE4875 Datasheet
367Kb / 3P
SMA Female Right Angle Bulkhead Mount Connector Solder Attachment Thru Hole PCB, .250 inch Diameter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com