Electronic Components Datasheet Search
  English  ▼

X  

AD8236ARMZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD8236ARMZ
Description  40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8236ARMZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8236ARMZ Datasheet HTML 10Page - Analog Devices AD8236ARMZ Datasheet HTML 11Page - Analog Devices AD8236ARMZ Datasheet HTML 12Page - Analog Devices AD8236ARMZ Datasheet HTML 13Page - Analog Devices AD8236ARMZ Datasheet HTML 14Page - Analog Devices AD8236ARMZ Datasheet HTML 15Page - Analog Devices AD8236ARMZ Datasheet HTML 16Page - Analog Devices AD8236ARMZ Datasheet HTML 17Page - Analog Devices AD8236ARMZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8236
Rev. 0 | Page 14 of 20
THEORY OF OPERATION
RG
RG
RG
REF
–IN
+IN
VOUT
210kΩ
210kΩ
52.5kΩ
52.5kΩ
AD8236
2
3
+VS
8
–VS
5
1
4
7
6
ESD
PROTECTION
ESD
PROTECTION
ESD
PROTECTION
ESD
PROTECTION
ESD
PROTECTION
ESD
PROTECTION
OP AMP
A
OP AMP
B
Figure 34. Simplified Schematic
The AD8236 is a monolithic, 2-op-amp instrumentation
amplifier. It was designed for low power, portable applications
where size and low quiescent current are paramount. For example,
it has a rail-to-rail input and output stage to offer more dynamic
range when operating on low voltage batteries. Unlike traditional
rail-to-rail input amplifiers that use a complementary differential
pair stage and suffer from nonlinearity, the AD8236 uses a novel
architecture to internally boost the supply rail, allowing the
amplifier to operate rail to rail yet still deliver a low 0.5 ppm of
nonlinearity. In addition, the 2-op-amp instrumentation amplifier
architecture offers a wide operational common-mode voltage
range. Additional information is provided in the Common-
Mode Input Voltage Range section. Precision, laser-trimmed
resistors provide the AD8236 with a high CMRR of 86 dB
(minimum) at G = 5 and gain accuracy of 0.05% (maximum).
BASIC OPERATION
The AD8236 amplifies the difference between its positive input
(+IN) and its negative input (−IN). The REF pin allows the user
to level-shift the output signal. This is convenient when interfacing
to a filter or analog-to-digital converter (ADC). The basic setup
is shown in Figure 35. Figure 37 shows an example configuration
for operating the AD8236 with dual supplies. The equation for
the AD8236 is as follows:
VOUT = G × (VINP − VINM) + VREF
If no gain setting resistor is installed, the default gain, G, is 5.
The Gain Selection section describes how to program the gain, G.
AD8236
RG
+IN
+VS
5V
0.1µF
–VS
VINP
GAIN SETTING
RESISTOR
VINM
OUT
REF
VREF
VOUT
RG
–IN
Figure 35. Basic Setup
GAIN SELECTION
Placing a resistor across the RG terminals sets the gain of the
AD8236, which can be calculated by referring to Table 6 or by
using the gain equation
5
kΩ
420
−
=
G
R
G
Table 6. Gains Achieved Using 1% Resistors
1% Standard Table Value of RG (Ω)
Calculated Gain
422 k
6.0
210 k
7.0
140 k
8.0
105 k
9.0
84.5 k
10.0
28 k
20.0
9.31 k
50.1
4.42 k
100.0
2.15 k
200.3
The AD8236 defaults to G = 5 when no gain resistor is used.
Gain accuracy is determined by the absolute tolerance of RG.
The TC of the external gain resistor increases the gain drift of
the instrumentation amplifier. Gain error and gain drift are at a
minimum when the gain resistor is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com