Electronic Components Datasheet Search
  English  ▼

X  

AD9517-4 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9517-4
Description  12-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-4 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9517-4 Datasheet HTML 35Page - Analog Devices AD9517-4 Datasheet HTML 36Page - Analog Devices AD9517-4 Datasheet HTML 37Page - Analog Devices AD9517-4 Datasheet HTML 38Page - Analog Devices AD9517-4 Datasheet HTML 39Page - Analog Devices AD9517-4 Datasheet HTML 40Page - Analog Devices AD9517-4 Datasheet HTML 41Page - Analog Devices AD9517-4 Datasheet HTML 42Page - Analog Devices AD9517-4 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
Data Sheet
AD9517-4
Rev. E | Page 39 of 80
If DLD is used, it is possible for the DLD signal to chatter some
while the PLL is reacquiring lock. The holdover function may
retrigger, thereby preventing the holdover mode from ever
terminating. Use of the current source lock detect mode is
recommended to avoid this situation (see the Current Source
Digital Lock Detect section).
Once in holdover mode, the charge pump stays in a high
impedance state as long as there is no reference clock present.
As in the external holdover mode, the B counter (in the N
divider) is reset synchronously with the charge pump leaving
the high impedance state on the reference path PFD event. This
helps align the edges out of the R and N dividers for faster
settling of the PLL and to reduce frequency errors during
settling. Because the prescaler is not reset, this feature works
best when the B and R numbers are close because this results in
a smaller phase difference for the loop to settle out.
After leaving holdover, the loop then reacquires lock and the
LD pin must charge (if Register 0x01D[3] = 1) before it can
re-enter holdover (CP high impedance).
The holdover function always responds to the state of the
currently selected reference (Register 0x01C). If the loop loses
lock during a reference switchover (see the Reference Switchover
section), holdover is triggered briefly until the next reference
clock edge at the PFD.
The following registers affect the internal/automatic holdover
function:
•
Register 0x018[6:5], lock detect counter. These bits change
the number of consecutive PFD cycles with edges inside the
lock detect window that are required for the DLD indicator
to indicate lock. This impacts the time required before the
LD pin can begin to charge as well as the delay from the end
of a holdover event until the holdover function can be
reengaged.
•
Register 0x018[3], disable digital lock detect. This bit must
be set to 0b to enable the DLD circuit. Internal/automatic
holdover does not operate correctly without the DLD function
enabled.
•
Register 0x01A[5:0], lock detect pin output select. Set these
bits to 000100b for the current source lock detect mode if
using the LD pin comparator. Load the LD pin with a
capacitor of an appropriate value.
•
Register 0x01D[3], enable LD pin comparator. 1 = enable,
0 = disable. When disabled, the holdover function always
senses the LD pin as high.
•
Register 0x01D[1], enable external holdover control.
•
Register 0x01D[0] and Register 0x01D[2], holdover
function enable. If holdover is disabled, both external
and internal/automatic holdover are disabled.
For example, to use automatic holdover with the following:
•
Automatic reference switchover, prefer REF1
•
Digital lock detect: five PFD cycles, high range window
•
Automatic holdover using the LD pin comparator
Set the following registers (in addition to the normal PLL registers):
•
Register 0x018[6:5] = 00b; lock detect counter = five cycles.
•
Register 0x018[4] = 0b; lock detect window = high range.
•
Register 0x018[3] = 0b; DLD normal operation.
•
Register 0x01A[5:0] = 000100b; current source lock detect
mode.
•
Register 0x01B[7:0] = 0xF7; set REFMON pin to status of
REF1 (active low).
•
Register 0x01C[2:1] = 11b; enable REF1 and REF2 input
buffers.
•
Register 0x01D[3] = 1b; enable LD pin comparator.
•
Register 0x01D[2]=1b; enable the holdover function.
•
Register 0x01D[1] = 0b; use internal/automatic holdover
mode.
•
Register 0x01D[0] = 1b; enable the holdover function.
(VCO calibration must be complete before this bit is enabled.)
•
Connect REFMON pin to REFSEL pin.
Frequency Status Monitors
The AD9517 contains three frequency status monitors that are
used to indicate if the PLL reference (or references in the case of
single-ended mode) and the VCO have fallen below a threshold
frequency. A diagram showing their location in the PLL is shown
in Figure 54. The VCO status frequency monitor is also capable
of monitoring the CLK input if the CLK input is selected as the
input to the N divider.
The PLL reference frequency monitors have two threshold
frequencies: normal and extended (see Table 16.). The reference
frequency monitor thresholds are selected in Register 0x01A.
The frequency monitor status can be found in Register 0x01F,
Bits[3:1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com