Electronic Components Datasheet Search
  English  ▼

X  

PE4597 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4597
Description  75 Ohm BNC Male Connector Clamp/Solder Attachment For RG6
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4597 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4597 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4597 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG6
Configuration
Connector
BNC Male
Connector Interface Type
RG6
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.2 [30.48]
Width/Dia., in [mm]
0.57 [14.48]
.
Weight, lbs [g]
0.048 [21.77]
Connector
Type
BNC Male
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG6 from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Male Connector Clamp/Solder Attachment For RG6 PE4597
URL:
http://www.pasternack.com/bnc-male-standard-rg6-connector-pe4597-p.aspx
PE4597
PE4597 REV 01
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG6


Similar Part No. - PE4597

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4597 PASTERNACK-PE4597 Datasheet
333Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4597 PASTERNACK-PE4597_16 Datasheet
333Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
More results

Similar Description - PE4597

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4507 PASTERNACK-PE4507 Datasheet
243Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment For RG6
PE44169 PASTERNACK-PE44169 Datasheet
263Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG6
PE4377 PASTERNACK-PE4377 Datasheet
208Kb / 2P
BNC Male Connector Clamp/Solder Attachment For RG6
PE4598 PASTERNACK-PE4598 Datasheet
250Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG6
PE4611 PASTERNACK-PE4611 Datasheet
226Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG6
PE4605 PASTERNACK-PE4605 Datasheet
234Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG6
PE4597 PASTERNACK-PE4597_16 Datasheet
333Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4599 PASTERNACK-PE4599_16 Datasheet
331Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4601 PASTERNACK-PE4601_16 Datasheet
414Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4603 PASTERNACK-PE4603_16 Datasheet
389Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com