Electronic Components Datasheet Search
  English  ▼

X  

ADF4111BCPZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADF4111BCPZ
Description  RF PLL Frequency Synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4111BCPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF4111BCPZ Datasheet HTML 19Page - Analog Devices ADF4111BCPZ Datasheet HTML 20Page - Analog Devices ADF4111BCPZ Datasheet HTML 21Page - Analog Devices ADF4111BCPZ Datasheet HTML 22Page - Analog Devices ADF4111BCPZ Datasheet HTML 23Page - Analog Devices ADF4111BCPZ Datasheet HTML 24Page - Analog Devices ADF4111BCPZ Datasheet HTML 25Page - Analog Devices ADF4111BCPZ Datasheet HTML 26Page - Analog Devices ADF4111BCPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADF4110/ADF4111/ADF4112/ADF4113
Rev. F | Page 23 of 28
ADF4111
ADF4112
ADF4113
2.7k
Ω
VCO
GND
18
Ω
100pF
100pF
18
Ω
18
Ω
RFOUT
FREFIN
51
Ω
100pF
100pF
RFINA
RFINB
POWER SUPPLY CONNECTIONS AND DECOUPLING
CAPACITORS ARE OMITTED FOR CLARITY.
RSET
REFIN
CP
LOOP
FILTER
CE
CLK
DATA
LE
SPI COMPATIBLE SERIAL BUS
AD5320
12-BIT
V-OUT DAC
MUXOUT
LOCK
DETECT
INPUT OUTPUT
2
14
6
5
1
8
Figure 34. Driving the RSET Pin with a D/A Converter
USING A D/A CONVERTER TO DRIVE THE RSET PIN
A D/A converter can be used to drive the RSET pin of the
ADF4110 family, thus increasing the level of control over the
charge pump current, ICP. This can be advantageous in wide-
band applications where the sensitivity of the VCO varies over
the tuning range. To compensate for this, the ICP may be varied
to maintain good phase margin and ensure loop stability. See
Figure 34.
SHUTDOWN CIRCUIT
The attached circuit in Figure 35 shows how to shut down both
the ADF4110 family and the accompanying VCO. The ADG701
switch goes closed circuit when a Logic 1 is applied to the IN
input. The low cost switch is available in both SOT-23 and
MSOP packages.
WIDEBAND PLL
Many of the wireless applications for synthesizers and VCOs in
PLLs are narrow band in nature. These applications include the
various wireless standards like GSM, DSC1800, CDMA, and
WCDMA. In each of these cases, the total tuning range for the
local oscillator is less than 100 MHz. However, there are also
wideband applications for which the local oscillator could have
a tuning range as wide as an octave. For example, cable TV
tuners have a total range of about 400 MHz. Figure 36 shows an
application where the ADF4113 is used to control and program
the Micronetics M3500-2235. The loop filter was designed for
an RF output of 2900 MHz, a loop bandwidth of 40 kHz, a PFD
frequency of 1 MHz, ICP of 10 mA (2.5 mA synthesizer ICP
multiplied by the gain factor of 4), VCO KD of 90 MHz/V
(sensitivity of the M3500-2235 at an output of 2900 MHz), and
a phase margin of 45°C.
In narrow-band applications, there is generally a small variation
in output frequency (generally less than 10%) and a small
variation in VCO sensitivity over the range (typically 10% to
15%). However, in wideband applications, both of these
parameters have a much greater variation. In Figure 36, for
example, there is a −25% and +17% variation in the RF output
from the nominal 2.9 GHz. The sensitivity of the VCO can vary
from 120 MHz/V at 2750 MHz to 75 MHz/V at 3400 MHz
(+33%, −17%). Variations in these parameters change the loop
bandwidth. This in turn can affect stability and lock time. By
changing the programmable ICP, it is possible to get compensa-
tion for these varying loop conditions and ensure that the loop
is always operating close to optimal conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com