Electronic Components Datasheet Search
  English  ▼

X  

ADM3483ARZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADM3483ARZ
Description  3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3483ARZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM3483ARZ Datasheet HTML 9Page - Analog Devices ADM3483ARZ Datasheet HTML 10Page - Analog Devices ADM3483ARZ Datasheet HTML 11Page - Analog Devices ADM3483ARZ Datasheet HTML 12Page - Analog Devices ADM3483ARZ Datasheet HTML 13Page - Analog Devices ADM3483ARZ Datasheet HTML 14Page - Analog Devices ADM3483ARZ Datasheet HTML 15Page - Analog Devices ADM3483ARZ Datasheet HTML 16Page - Analog Devices ADM3483ARZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADM3483/ADM3485/ADM3488/ADM3490/ADM3491
Rev. E | Page 13 of 20
SWITCHING CHARACTERISTICS
IN
OUT
1.5V
1.5V
+3V
0
≈ +2V
≈ –2V
tDD
tDD
tTD
tTD
50%
50%
10%
10%
90%
90%
Figure 26. Driver Differential Output Delay and Transition Times
3V
0V
VOH
VOL
VOH
VOL
VOM
VOM
VOM
VOM
IN
A/Y
OUT
B/Z
OUT
1.5V
1.5V
tPLH
tPHL
tPHL
tPLH
Figure 27. Driver Propagation Delays
0
VOH
0
3V
1.5V
1.5V
0.25V
IN
OUT
VOM
tPZH
tPHZ
Figure 28. Driver Enable and Disable Times (tPZH, tPSH, tPHZ)
VOL
VCC
0
3V
0.25V
IN
OUT
1.5V
1.5V
tPSL
tPLZ
VOM
Figure 29. Driver Enable and Disable Times (tPZL, tPSL, tPLZ)
3V
0
VCC
0
IN
OUT
VOM
VOM
1.5V
1.5V
tRPHL
tRPLH
Figure 30. Receiver Propagation Delays
+3V
0
VOH
0
S1 OPEN
S2 CLOSED
S3 = +1.5V
S1 CLOSED
S2 OPEN
S3 = –1.5V
S1 OPEN
S2 CLOSED
S3 = +1.5V
S1 CLOSED
S2 OPEN
S3 = –1.5V
+3V
0
VCC
VOL
+3V
0
VCC
VOL
+3V
0
VOH
0
1.5V
1.5V
1.5V
IN
OUT
IN
OUT
IN
OUT
IN
OUT
tPRZL
tPRSL
tPRLZ
tPRHZ
+0.25V
+0.25V
1.5V
1.5V
1.5V
tPRZH
tPRSH
Figure 31. Receiver Enable and Disable Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com