Electronic Components Datasheet Search
  English  ▼

X  

PE44510 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44510
Description  QMA Female Connector Solder Attachment Surface Mount PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44510 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44510 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44510 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
QMA Female Connector Solder Attachment Surface Mount PCB
Configuration
Connector
QMA Female
Connector Interface Type
Surface Mount
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.433 [11]
Width/Dia., in [mm]
0.25 [6.35]
Height, in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
QMA Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
QMA Female Connector Solder Attachment Surface Mount PCB from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: QMA Female Connector Solder Attachment Surface Mount PCB PE44510
URL: http://www.pasternack.com/qma-female-standard-surface-mount-pcb-connector-pe44510-p.aspx
PE44510
PE44510 REV 01
QMA Female Connector Solder Attachment Surface Mount PCB


Similar Part No. - PE44510

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4451 PASTERNACK-PE4451 Datasheet
297Kb / 3P
TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4451 PASTERNACK-PE4451 Datasheet
400Kb / 4P
TNC Male Right Angle Connector Crimp/Crimp Attachment
PE44511 PASTERNACK-PE44511 Datasheet
209Kb / 2P
QMA Female Right Angle Connector Solder Attachment Surface Mount PCB
PE44512 PASTERNACK-PE44512 Datasheet
206Kb / 2P
QMA Female Connector Solder Attachment Thru Hole PCB
PE44513 PASTERNACK-PE44513 Datasheet
292Kb / 2P
QMA Female Right Angle Connector Solder Attachment Thru Hole PCB
More results

Similar Description - PE44510

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44119 PASTERNACK-PE44119 Datasheet
248Kb / 2P
SMB Jack Connector Solder Attachment Surface Mount PCB
PE44120 PASTERNACK-PE44120 Datasheet
240Kb / 2P
SMC Jack Connector Solder Attachment Surface Mount PCB
PE44513 PASTERNACK-PE44513 Datasheet
292Kb / 2P
QMA Female Right Angle Connector Solder Attachment Thru Hole PCB
PE44511 PASTERNACK-PE44511 Datasheet
209Kb / 2P
QMA Female Right Angle Connector Solder Attachment Surface Mount PCB
PE4910 PASTERNACK-PE4910 Datasheet
262Kb / 3P
SMA Female Connector Solder Attachment Surface Mount PCB
PE4889 PASTERNACK-PE4889 Datasheet
214Kb / 2P
MCX Jack Connector Solder Attachment Surface Mount PCB
PE44613 PASTERNACK-PE44613 Datasheet
203Kb / 2P
MCX Plug Connector Solder Attachment Surface Mount PCB
PE44662 PASTERNACK-PE44662 Datasheet
229Kb / 3P
MMCX Plug Connector Solder Attachment Surface Mount PCB
PE44512 PASTERNACK-PE44512 Datasheet
206Kb / 2P
QMA Female Connector Solder Attachment Thru Hole PCB
PE45376 PASTERNACK-PE45376 Datasheet
361Kb / 4P
SSMC Jack Connector Solder Attachment Surface Mount PCB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com