Electronic Components Datasheet Search
  English  ▼

X  

DAC8420EPZ2 Datasheet(PDF) 18 Page - Analog Devices

Part # DAC8420EPZ2
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420EPZ2 Datasheet(HTML) 18 Page - Analog Devices

Back Button DAC8420EPZ2 Datasheet HTML 14Page - Analog Devices DAC8420EPZ2 Datasheet HTML 15Page - Analog Devices DAC8420EPZ2 Datasheet HTML 16Page - Analog Devices DAC8420EPZ2 Datasheet HTML 17Page - Analog Devices DAC8420EPZ2 Datasheet HTML 18Page - Analog Devices DAC8420EPZ2 Datasheet HTML 19Page - Analog Devices DAC8420EPZ2 Datasheet HTML 20Page - Analog Devices DAC8420EPZ2 Datasheet HTML 21Page - Analog Devices DAC8420EPZ2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
DAC8420
Rev. B | Page 18 of 24
is 16 mV. Thus, the best single-supply operation is obtained with
the output load connected to ground, so the output stage does not
have to sink current.
Like all amplifiers, the DAC8420 output buffers do generate
voltage noise, 52 nV/√Hz typically. This is easily reduced by
adding a simple RC low-pass filter on each output.
REFERENCE CONFIGURATION
The two reference inputs of the DAC8420 allow a great deal
of flexibility in circuit design. The user must take care, however,
to observe the minimum voltage input levels on VREFHI and
VREFLO to maintain the accuracy shown in the data sheet.
These input voltages can be set anywhere across a wide range
within the supplies, but must be a minimum of 2.5 V apart in
any case (see Figure 30). A wide output voltage range can be
obtained with ±5 V references, which can be provided by the
AD588 as shown in Figure 33. Many applications utilize the
DACs to synthesize symmetric bipolar waveforms, which
require an accurate, low drift bipolar reference. The AD588
provides both voltages and needs no external components.
Additionally, the part is trimmed in production for 12-bit
accuracy over the full temperature range without user calibra-
tion. Performing a clear with the reset select CLSEL high allows
the user to easily reset the DAC outputs to midscale, or 0 V in
these applications.
When driving the reference inputs VREFHI and VREFLO, it is
important to note that VREFHI both sinks and sources current,
and that the input currents of both are code dependent. Many
voltage reference products have a limited current sinking
capability and must be buffered with an amplifier to drive
VREFHI in order to maintain overall system accuracy. The
input VREFLO, however, has no such requirement.
8
9
16
15
14
12
11
10
DAC8420
1
5
9
10
8
12
11
13
3
4
6
7
1
14
15
2
16
0.1µF
0.1µF
+15V
SUPPLY
–15V
SUPPLY
SYSTEM
GROUND
+5V
–5V
A3
A4
+VS
–VS
AD588
R4
R5
R6
R2
R1
RB
R3
1µF
A1
A2
DAC A
DAC B
DAC C
DAC D
4
5
DIGITAL
CONTROLS
GND
DIGITAL INPUTS
VREFHI
+5V
VREFLO
–5V
2
3
6
7
+15V SUPPLY
0.1µF
–15V SUPPLY
0.1µF
VOUTA
VOUTB
VOUTC
VOUTD
Figure 33. ±10 V Bipolar Reference Configuration Using the AD588



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com