Electronic Components Datasheet Search
  English  ▼

X  

DAC8420ESZ2 Datasheet(PDF) 7 Page - Analog Devices

Part # DAC8420ESZ2
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420ESZ2 Datasheet(HTML) 7 Page - Analog Devices

Back Button DAC8420ESZ2 Datasheet HTML 3Page - Analog Devices DAC8420ESZ2 Datasheet HTML 4Page - Analog Devices DAC8420ESZ2 Datasheet HTML 5Page - Analog Devices DAC8420ESZ2 Datasheet HTML 6Page - Analog Devices DAC8420ESZ2 Datasheet HTML 7Page - Analog Devices DAC8420ESZ2 Datasheet HTML 8Page - Analog Devices DAC8420ESZ2 Datasheet HTML 9Page - Analog Devices DAC8420ESZ2 Datasheet HTML 10Page - Analog Devices DAC8420ESZ2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DAC8420
Rev. B | Page 7 of 24
CS
SDI
CLK
LD
DATA LOAD SEQUENCE
SDI
CLK
CS
LD
VOUTx
DATA LOAD TIMING
CLSEL
CLR
VOUT
CLEAR TIMING
tCLRW
±1LSB
tS
tLD2
tCSH
tCSS
tLD1
A1
A0
X
X
D11
D10
D9
D8
D4
D3
D2
D1
D0
tDS
tDH
tCH
tCL
tCSH
tLD2
tLDW
tS
±1LSB
Figure 2. Timing Diagram
10kΩ
10µF
0.1µF
+10V
1N4001
+
10kΩ
10µF
0.1µF
–10V
1N4001
+
10kΩ
10µF
0.1µF
+15V
1N4001
+
10kΩ
10µF
0.1µF
–15V
1N4001
+
5kΩ
5kΩ
10kΩ
NC
NC
NC
NC
NC
NC = NO CONNECT
DUT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Figure 3. Burn-In Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com