Electronic Components Datasheet Search
  English  ▼

X  

5FG Datasheet(PDF) 22 Page - Aavid, Thermal Division of Boyd Corporation

Part # 5FG
Description  How to Use This Catalog
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

5FG Datasheet(HTML) 22 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 5FG Datasheet HTML 18Page - Aavid, Thermal Division of Boyd Corporation 5FG Datasheet HTML 19Page - Aavid, Thermal Division of Boyd Corporation 5FG Datasheet HTML 20Page - Aavid, Thermal Division of Boyd Corporation 5FG Datasheet HTML 21Page - Aavid, Thermal Division of Boyd Corporation 5FG Datasheet HTML 22Page - Aavid, Thermal Division of Boyd Corporation 5FG Datasheet HTML 23Page - Aavid, Thermal Division of Boyd Corporation 5FG Datasheet HTML 24Page - Aavid, Thermal Division of Boyd Corporation 5FG Datasheet HTML 25Page - Aavid, Thermal Division of Boyd Corporation 5FG Datasheet HTML 26Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 116 page
background image
22
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
28.58
(1.125)
17.78
(0.700)
5.33
(0.210)
6.35
(0.250)
14.12
(0.556)
26.80
(1.055)
LOCKING CATCH
Part Number
Description
580400B00000G
Slide on heat sink with staggered fins
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
0
0.4
0.8
1.2
1.6
2.0
16
12
4
8
0
0
400
200
600
800
1000
Slide on heat sink with staggered fins
attaches to 20 pin DIP packages quickly
and easily. The heat sink features double
spring action and locking catch to firmly
attach the device creating a thermal
conduction path on both the top and
bottom surfaces.
5804
Slide on heat sink with staggered fins
Material: 0.63 (0.025) Thick Aluminum
Finish: Black Anodize
5805
Slide on heat sink with staggered fins
Slide on heat sink with staggered fins
attaches to 24 pin DIP packages quickly
and easily. The heat sink features double
spring action and locking catch to firmly
attach the device creating a thermal
conduction path on both the top and
bottom surfaces.
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0
0.4
0.8
1.2
1.6
2.0
8
6
2
4
0
0
400
200
600
800
1000
25.60
(1.008)
14.73
(0.580)
37.08
(1.460)
32.51
(1.280)
12.19
(0.480)
13.72
(0.540)
LOCKING
CATCH
ORDERING INFORMATION
Part Number
Description
580500B00000G
Slide on heat sink with staggered fins
Material: 0.81 (0.032) Thick Aluminum
Finish: Black Anodize
DIPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com