Electronic Components Datasheet Search
  English  ▼

X  

6000UG Datasheet(PDF) 39 Page - Aavid, Thermal Division of Boyd Corporation

Part # 6000UG
Description  How to Use This Catalog
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

6000UG Datasheet(HTML) 39 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 6000UG Datasheet HTML 35Page - Aavid, Thermal Division of Boyd Corporation 6000UG Datasheet HTML 36Page - Aavid, Thermal Division of Boyd Corporation 6000UG Datasheet HTML 37Page - Aavid, Thermal Division of Boyd Corporation 6000UG Datasheet HTML 38Page - Aavid, Thermal Division of Boyd Corporation 6000UG Datasheet HTML 39Page - Aavid, Thermal Division of Boyd Corporation 6000UG Datasheet HTML 40Page - Aavid, Thermal Division of Boyd Corporation 6000UG Datasheet HTML 41Page - Aavid, Thermal Division of Boyd Corporation 6000UG Datasheet HTML 42Page - Aavid, Thermal Division of Boyd Corporation 6000UG Datasheet HTML 43Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 116 page
background image
39
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
7173
Copper channel style heat sink featuring two integrated tabs
6236
Channel style heat sink featuring an integrated device retaining clip
TO-220 Heat Sinks
19.05
(0.750)
13.34
(0.525)
ø3.81
(0.150)THRU
9.52
(0.375)
19.05
(0.750)
3.81
(0.150)
1.27
(0.050)
4.11
(0.162)
6.35
(0.250)
3.81
(0.150)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
01
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
Copper channel style heat sink
features two integrated tabs.
The heat sink is tin plated and
can be soldered to the PC board.
Material: 0.63 (0.025) Thick Copper
Finish: Tin Plated
ORDERING INFORMATION
Part Number
Description
7173DG
Copper channel style heat sink
2.54 (0.100)
Dia of PCB
Plated Thru
Hole for Tabs
Channel style heat sink features
an integrated device retaining clip
that eliminates the need for attachment
hardware. Available in two finish options.
17.78
(0.700)
12.95
(0.510)
13.21
(0.520)
Top is cut away
to show detail
2.54
(0.100)
Locking Catch
14.22
(0.560)
CL
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
02
4
6
8
10
16
12
4
8
0
0
400
200
600
800
1000
Part Number
Finish
6236BG
Black anodize
6236PBG
Pre-black anodize*
ORDERING INFORMATION
Material: 1.02 (0.040) Thick Aluminum
Finish: See Table
* Edges cut during the manufacturing process will be unfinished.
See page 110 for more information.
TV40
Narrow channel style heat sink features twisted fins
38.00
(1.497)
22.00
(0.866)
28.00
(1.103)
CL
13.00
(0.512)
6.00
(0.236)
4.00
(0.158)
THRU
2X
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
Narrow channel style heat
sink features twisted fins
for increased air turbulence
and better cooling. Mounts
horizontally to accommodate
two TO-220 devices.
Material: 0.81 (0.032) Thick Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Description
TV40G
Narrow channel style heat sink with twisted fins
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com