Electronic Components Datasheet Search
  English  ▼

X  

PE44555 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44555
Description  N Female Connector Clamp/Solder Attachment For 1/2 inch Helical
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44555 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44555 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44555 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female Connector Clamp/Solder Attachment For 1/2 inch Helical
Configuration
Connector
N Female
Connector Interface Type
1/2 inch Helical
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
2.045 [51.94]
Width/Dia., in [mm]
0.845 [21.46]
.
Weight, lbs [g]
0.198 [89.81]
Connector
Type
N Female
Contact Material and Plating
Silver
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Female Connector Clamp/Solder Attachment For 1/2 inch Helical from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Clamp/Solder Attachment For 1/2 inch Helical PE44555
URL: http://www.pasternack.com/n-female-standard-1-2-inch-helical-connector-pe44555-p.aspx
PE44555
PE44555 REV 01
N Female Connector Clamp/Solder
Attachment For 1/2 inch Helical


Similar Part No. - PE44555

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4455 PASTERNACK-PE4455 Datasheet
213Kb / 2P
TNC Male Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4455 PASTERNACK-PE4455 Datasheet
320Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE44550 PASTERNACK-PE44550 Datasheet
291Kb / 2P
7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, 1.161 inch DD Hole
PE44551 PASTERNACK-PE44551 Datasheet
276Kb / 2P
7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C600, LMR-600, 1.161 inch DD Hole
PE44552 PASTERNACK-PE44552 Datasheet
420Kb / 3P
N Male Connector Clamp-Non-Solder Contact Attachment for 1-2 inch Helical
More results

Similar Description - PE44555

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44556 PASTERNACK-PE44556 Datasheet
343Kb / 2P
N Female Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44557 PASTERNACK-PE44557 Datasheet
349Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44565 PASTERNACK-PE44565 Datasheet
302Kb / 2P
N Female Connector Clamp/Solder Attachment For 1/2 inch Annular
PE44553 PASTERNACK-PE44553 Datasheet
215Kb / 2P
N Male Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44554 PASTERNACK-PE44554 Datasheet
216Kb / 2P
N Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44562 PASTERNACK-PE44562 Datasheet
318Kb / 2P
N Male Connector Clamp/Solder Attachment For 1/2 inch Annular
PE44552 PASTERNACK-PE44552 Datasheet
420Kb / 3P
N Male Connector Clamp-Non-Solder Contact Attachment for 1-2 inch Helical
PE44560 PASTERNACK-PE44560 Datasheet
233Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44561 PASTERNACK-PE44561 Datasheet
333Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Helical
PE45203 PASTERNACK-PE45203 Datasheet
384Kb / 3P
N Female Connector Clamp/Non-Solder Contact Attachment for 7/8 inch Helical
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com