Electronic Components Datasheet Search
  English  ▼

X  

PE44568 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44568
Description  7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44568 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44568 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44568 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
Configuration
Connector
7/16 DIN Male
Connector Interface Type
7/8 inch Annular
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
2.554 [64.87]
Width/Dia., in [mm]
1.36 [34.54]
.
Weight, lbs [g]
0.485 [219.99]
Connector
Type
7/16 DIN Male
Contact Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, in.
1 1/4
Torque, ft-lbs [Nm]
18.417 [24.97]
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular PE44568
URL: http://www.pasternack.com/7-16-male-standard-7-8-inch-annular-connector-pe44568-p.aspx
PE44568
PE44568 REV 01
7/16 DIN Male Connector Clamp/Solder
Attachment For 7/8 inch Annular


Similar Part No. - PE44568

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4456 PASTERNACK-PE4456 Datasheet
416Kb / 3P
TNC Male Right Angle Connector Clamp/Solder Attachment
PE44560 PASTERNACK-PE44560 Datasheet
233Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44561 PASTERNACK-PE44561 Datasheet
333Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44562 PASTERNACK-PE44562 Datasheet
318Kb / 2P
N Male Connector Clamp/Solder Attachment For 1/2 inch Annular
PE44563 PASTERNACK-PE44563 Datasheet
336Kb / 2P
N Male Connector Clamp/Solder Attachment For 7/8 inch Annular
More results

Similar Description - PE44568

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44557 PASTERNACK-PE44557 Datasheet
349Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44563 PASTERNACK-PE44563 Datasheet
336Kb / 2P
N Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44566 PASTERNACK-PE44566 Datasheet
330Kb / 2P
N Female Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44571 PASTERNACK-PE44571 Datasheet
369Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44277 PASTERNACK-PE44277 Datasheet
217Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For RG218
PE44976 PASTERNACK-PE44976 Datasheet
274Kb / 3P
N Male Connector Clamp Attachment For 7 - 8 inch Annular, 7/8 inch Helical, 7/8 inch Superflexible, 7/8 inch Flexible
PE44558 PASTERNACK-PE44558 Datasheet
227Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44561 PASTERNACK-PE44561 Datasheet
333Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44993 PASTERNACK-PE44993 Datasheet
243Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE4567 PASTERNACK-PE4567 Datasheet
401Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com