Electronic Components Datasheet Search
  English  ▼

X  

PE44569 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44569
Description  7/16 DIN Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44569 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44569 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44569 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44569 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible,
PE-1/2FAC
Configuration
Connector
7/16 DIN Male
Connector Interface Type
1/2 inch Annular,1/2 inch Flexible,PE-1/2FAC
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum Return Loss, dB
28
Maximum Operating Voltage, Volts
2,700
Frequency 1
Frequency, GHz
DC to 2
Insertion Loss, dB
0.05
Power Handling, Watts
400
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Size
Length, in [mm]
2.853 [72.47]
Width/Dia., in [mm]
1.26 [32.00]
Height, in [mm]
1.808 [45.92]
.
Weight, lbs [g]
0.54 [244.94]
Connector
Type
7/16 DIN Male
Contact Material and Plating
Beryllium Copper, Silver
Contact Plating Specification
5µ in. minimum
Coupling Nut Material and Plating
Brass, Tri-Metal
Coupling Nut Plating Specification
2µ in. minimum
Hex Size, mm
32
Torque, ft-lbs [Nm]
18.417 [24.97]
Body Material and Plating
Brass, Tri-Metal
Body Plating Specification
2µ in. minimum
Dielectric Type
Teflon
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch
Flexible, PE-1/2FAC PE44569
PE44569
PE44569 REV 01
7/16 DIN Male Right Angle Connector Clamp/Solder Attachment
For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC


Similar Part No. - PE44569

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4456 PASTERNACK-PE4456 Datasheet
416Kb / 3P
TNC Male Right Angle Connector Clamp/Solder Attachment
PE44560 PASTERNACK-PE44560 Datasheet
233Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44561 PASTERNACK-PE44561 Datasheet
333Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44562 PASTERNACK-PE44562 Datasheet
318Kb / 2P
N Male Connector Clamp/Solder Attachment For 1/2 inch Annular
PE44563 PASTERNACK-PE44563 Datasheet
336Kb / 2P
N Male Connector Clamp/Solder Attachment For 7/8 inch Annular
More results

Similar Description - PE44569

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44557 PASTERNACK-PE44557 Datasheet
349Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44559 PASTERNACK-PE44559 Datasheet
378Kb / 3P
7/16 DIN Male Right Angle Connector Clamp/ Solder Attachment For 1/2 inch Helical
PE44565 PASTERNACK-PE44565 Datasheet
302Kb / 2P
N Female Connector Clamp/Solder Attachment For 1/2 inch Annular
PE44567 PASTERNACK-PE44567 Datasheet
237Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE44562 PASTERNACK-PE44562 Datasheet
318Kb / 2P
N Male Connector Clamp/Solder Attachment For 1/2 inch Annular
PE44738 PASTERNACK-PE44738 Datasheet
257Kb / 3P
7/16 DIN Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
PE44740 PASTERNACK-PE44740 Datasheet
256Kb / 3P
7/16 DIN Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
PE44564 PASTERNACK-PE44564 Datasheet
225Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE44570 PASTERNACK-PE44570 Datasheet
216Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE45358 PASTERNACK-PE45358 Datasheet
410Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment for 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com